Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFRX1002 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFRX1002
Description  GaAs MMIC IQ Downconverter 9GHz to 14GHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFRX1002 Datasheet(HTML) 9 Page - RF Micro Devices

  RFRX1002 Datasheet HTML 1Page - RF Micro Devices RFRX1002 Datasheet HTML 2Page - RF Micro Devices RFRX1002 Datasheet HTML 3Page - RF Micro Devices RFRX1002 Datasheet HTML 4Page - RF Micro Devices RFRX1002 Datasheet HTML 5Page - RF Micro Devices RFRX1002 Datasheet HTML 6Page - RF Micro Devices RFRX1002 Datasheet HTML 7Page - RF Micro Devices RFRX1002 Datasheet HTML 8Page - RF Micro Devices RFRX1002 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131025
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 9
RFRX1002
Evaluation Board Layout
Test Conditions
LO Power
+5dBm
RF Power
-20dBm
Vd1, Vd2
4V
Vd3, Vd4
4V
VVA
-2V
Mixer Bias
-0.8V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com