Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2013SR Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFSA2013SR
Description  VOLTAGE CONTROLLED ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2013SR Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFSA2013SR Datasheet HTML 9Page - RF Micro Devices RFSA2013SR Datasheet HTML 10Page - RF Micro Devices RFSA2013SR Datasheet HTML 11Page - RF Micro Devices RFSA2013SR Datasheet HTML 12Page - RF Micro Devices RFSA2013SR Datasheet HTML 13Page - RF Micro Devices RFSA2013SR Datasheet HTML 14Page - RF Micro Devices RFSA2013SR Datasheet HTML 15Page - RF Micro Devices RFSA2013SR Datasheet HTML 16Page - RF Micro Devices RFSA2013SR Datasheet HTML 17Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13 of 17
RFSA2013
DS150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Voltage Control Pin Current Performance
Data includes PCB and connector losses
0
5
10
15
20
25
30
35
40
45
0123456
Voltage Control (V)
VC Pin Current versus Voltage Control
Positive Slope, MODE=High, V
DD=5V
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage Control (V)
VC Pin Current versus Voltage Control
Negative Slope, MODE=Low, V
DD=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com