Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2033PCK-411 Datasheet(PDF) 21 Page - RF Micro Devices

Part # RFSA2033PCK-411
Description  Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2033PCK-411 Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RFSA2033PCK-411 Datasheet HTML 14Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 15Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 16Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 17Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 18Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 19Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 20Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 21Page - RF Micro Devices RFSA2033PCK-411 Datasheet HTML 22Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
RFSA2033
RFDA2046
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and
registered trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130418
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
21 of 22
Pin Names and Description
Pin
Name
Description
1
GND
Ground Pin
2
GND
Ground Pin
3
RFIN
RF Input. Use External DC Block
4
GND
Ground Pin
5
GND
Ground Pin
6
GND
Ground Pin
7
GND
Ground Pin
8
GND
Ground Pin
9
GND
Ground Pin
10
RFOUT
RF Output. Use External DC Block
11
GND
Ground Pin
12
EN
Supply Current Enable Control.
Connect to Logic Low to Enable.
Connect to Logic High to Disable
13
NC
Floating Pin, No Connect.
14
VC
Attenuator Control Voltage
15
VDD
Supply Voltage
16
SLOPE
Attenuation Slope Control.
Connect to Logic Low to Enable Negative Attenuation Slope.
Connect to Logic High to Enable Positive Attenuation Slope.
GND
GND
Exposed Package Ground Paddle is RF and DC Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com