Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2524 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFSA2524
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2524 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFSA2524 Datasheet HTML 5Page - RF Micro Devices RFSA2524 Datasheet HTML 6Page - RF Micro Devices RFSA2524 Datasheet HTML 7Page - RF Micro Devices RFSA2524 Datasheet HTML 8Page - RF Micro Devices RFSA2524 Datasheet HTML 9Page - RF Micro Devices RFSA2524 Datasheet HTML 10Page - RF Micro Devices RFSA2524 Datasheet HTML 11Page - RF Micro Devices RFSA2524 Datasheet HTML 12Page - RF Micro Devices RFSA2524 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9 of 13
RFSA2524
DS120706
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
C0.25
1
VDD
2
GND/NC
3
RF1
4
GND/NC
5
NC
6
NC
13
GND/NC
14
RF2
15
GND/NC
16
GND/NC
17
GND/NC
18
U1
C7
C6
C5
C4
C3
C2
C1
GND
GND
GND
GND
GND
GND
GND
C05/DATA
C05/DATA
C1
C1
C2/LE
C2/LE
C4/CLK
C4/CLK
C8/PUP
C8/PUP
C16
C16
VDD
VDD
GND
C13
GND
C15
GND
C16
GND
C14
GND
GND
GND
GND
GND
GND
C11
C12
GND
GND
GND
GND
C17
GND
C18
GND
C19
C20
C025
C9
GND
C025
R7
1
2
3
4
5
6
7
8
9
P1
CON9
R8
C8
GND
1
J1
RF1
1
J2
RF2
1
J99
SMA
1
J100
SMA
CB2
12
TXD
1
DTR#
2
RTS#
3
VIO
4
RXD
5
RI#
6
GND
7
DSR#
8
DCD#
9
CTS#
10
CB4
11
GND
24
SLD
13
USB
14
VCC
15
PU2
16
PU1
17
CB3
18
3V3
19
RST
20
VCC
21
CB1
22
CB0
23
P2
UM232R
C025
C4/CLK
C1
C05/DATA
GND
C8/PUP
C16
C2/LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com