Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2534 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA2534
Description  50MHz to 4000MHz, Digital Step Attenuator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2534 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA2534 Datasheet HTML 1Page - RF Micro Devices RFSA2534 Datasheet HTML 2Page - RF Micro Devices RFSA2534 Datasheet HTML 3Page - RF Micro Devices RFSA2534 Datasheet HTML 4Page - RF Micro Devices RFSA2534 Datasheet HTML 5Page - RF Micro Devices RFSA2534 Datasheet HTML 6Page - RF Micro Devices RFSA2534 Datasheet HTML 7Page - RF Micro Devices RFSA2534 Datasheet HTML 8Page - RF Micro Devices RFSA2534 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150626
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 12
RFSA2534
50MHz to 4000MHz, Digital Step Attenuator
RFMD’s RFSA2534 is a 5-bit digital step attenuator (DSA) that
features high linearity over the entire 15.5dB gain control range
with 0.5dB steps. The RFSA2534 uses serial control interface. It
has a low insertion loss of 1.3dB at 2GHz. Patent pending circuit
architecture provides Overshoot-free transient switching
performance The RFSA2534 is available in a 4.2mm x 4.2mm
laminate package that is footprint compatible with a 4mm x 4mm
QFN 24 lead package.
Functional Block Diagram
Ordering Information
RFSA2534SQ
Sample bag with 25 pieces
RFSA2534SR
7" Reel with 100 pieces
RFSA2534TR13
13" Reel with 2500 pieces
RFSA2534PCK-410
50MHz to 4000MHz PCBA with 5-piece sample
bag
Package: QFN, 24-pin,
4.2mm x 4.2mm x 0.95mm
Features
■
5-Bit, 15.5dB Range, 0.5dB Step
■
Frequency Range 50MHz to
4000MHz
■
Overshoot-free Transient
Switching Performance
■
High Linearity, Input IP3 = 55dBm
■
Insertion Loss = 1.3dB at 2GHz
■
Serial Control Interface
■
Fast Switching Speed = 200ns
■
Single Supply 3V to 5V Operation
Applications
■
2G through 4G Base Stations
■
Point-to-Point
■
WiMax/WiFi
■
Test Equipment
N/C
N/C
RFOUT
SPI
RFIN
N/C
D/C
N/C
VDD
N/C
N/C
N/C
N/C
RFSA2534


Similar Part No. - RFSA2534

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2514PCK-410 RFMD-RFSA2514PCK-410 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2514SQ RFMD-RFSA2514SQ Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2514SR RFMD-RFSA2514SR Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2514TR13 RFMD-RFSA2514TR13 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
More results

Similar Description - RFSA2534

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2524 RFMD-RFSA2524 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 1dB LSB
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
5MHz to 4000MHz, Digital Step Attenuator
logo
Maxim Integrated Produc...
MAX19791 MAXIM-MAX19791_V01 Datasheet
4Mb / 24P
50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com