Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2654 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFSA2654
Description  SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2654 Datasheet(HTML) 4 Page - RF Micro Devices

  RFSA2654 Datasheet HTML 1Page - RF Micro Devices RFSA2654 Datasheet HTML 2Page - RF Micro Devices RFSA2654 Datasheet HTML 3Page - RF Micro Devices RFSA2654 Datasheet HTML 4Page - RF Micro Devices RFSA2654 Datasheet HTML 5Page - RF Micro Devices RFSA2654 Datasheet HTML 6Page - RF Micro Devices RFSA2654 Datasheet HTML 7Page - RF Micro Devices RFSA2654 Datasheet HTML 8Page - RF Micro Devices RFSA2654 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
RFSA2654
DS121031
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance - Broadband Application Circuit
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
0
500
1000
1500
2000
Frequency (MHz)
Major Step Error versus Frequency
0.5dB
1dB
2dB
4dB
8dB
15.5dB
31.5dB
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
4
8
1216202428
32
Attenuation (dB)
Step Error versus Attenuation
5MHz
300MHz
800MHz
1200MHz
1800MHz
30
35
40
45
50
55
60
0
500
1000
1500
2000
Frequency (MHz)
Input IP3 versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB
15
20
25
30
35
0
400
800
1200
1600
2000
Frequency (MHz)
Input P0.5dB versus Frequency
0dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.5dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com