Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2644TR7 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSA2644TR7
Description  SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2644TR7 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSA2644TR7 Datasheet HTML 1Page - RF Micro Devices RFSA2644TR7 Datasheet HTML 2Page - RF Micro Devices RFSA2644TR7 Datasheet HTML 3Page - RF Micro Devices RFSA2644TR7 Datasheet HTML 4Page - RF Micro Devices RFSA2644TR7 Datasheet HTML 5Page - RF Micro Devices RFSA2644TR7 Datasheet HTML 6Page - RF Micro Devices RFSA2644TR7 Datasheet HTML 7Page - RF Micro Devices RFSA2644TR7 Datasheet HTML 8Page - RF Micro Devices RFSA2644TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RFSA2644
DS120706
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Frequency Range
50
4000
MHz
3V, 25°C unless otherwise stated
Insertion Loss
0.7
dB
50MHz, 0dB attenuation
0.7
dB
500MHz, 0dB attenuation
1.0
dB
880MHz, 0dB attenuation
1.2
dB
2140MHz, 0dB attenuation
1.5
2700MHz, 0dB attenuation
1.8
dB
4000MHz, 0dB attenuation
Gain Control Range
31.5
dB
0.5dB step size
Step Accuracy
±(0.1 + 5% attenuation range)
dB
Input IP3
48
dBm
Input P0.5dB
20
dBm
Under 100MHz, all states
27
dBm
1000MHz, all states
Input Return Loss
13
dBm
Under 2700MHz
10
dBm
2700MHz to 4000MHz
Output Return Loss
13
dBm
Under 2700MHz
11
dBm
2700MHz to 4000MHz
Control Interface
6-Bit, Serial
Serial interface
Settling Time
200
nS
tRISE, tFALL (10%/90% RF)
Switching Speed
200
nS
tON, tOFF (50% CTL to 10%/90% RF)
Supply Voltage (VDD)
2.8
3.0
3.3
V
Supply Current
5.0
mA
Control Voltage (VCTL)Low, VCTL = 0 to 0.8V
V
High, VCTL = 2.0 to VDD
V
Notes:
1. VDD = 3V, VCTL = 3V, T = 25°C
2. IIP3 measured with PIN = 17dBm/tone, 1MHz spacing
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com