Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02107AF-R7 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA02107AF-R7
Description  3.4 V, 1.2 W RF Power Amplifier IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02107AF-R7 Datasheet(HTML) 3 Page - Tyco Electronics

  MA02107AF-R7 Datasheet HTML 1Page - Tyco Electronics MA02107AF-R7 Datasheet HTML 2Page - Tyco Electronics MA02107AF-R7 Datasheet HTML 3Page - Tyco Electronics MA02107AF-R7 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Description
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
3
Visit www.macom.com for additional data sheets and product information.
3.4 V, 1.2 W RF Power Amplifier IC
MA02107AF
V 1.0
Output Match Impedance (as seen from pin 12)
0
850 MHz
925 MHz
900 MHz
8.4 - j9.2
Typical Performance Curves
Output Power and PAE vs. Input Power
10
15
20
25
30
35
40
-10
-5
0
5
P
IN, Input Power (dBm)
0
10
20
30
40
50
60
η
POUT
ƒ = 901 MHz
VDD = 3.4 V
Output Power and PAE vs. Supply Voltage
0
5
10
15
20
25
30
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VDD, Supply Voltage (Volts)
0
10
20
30
40
50
60
70
POUT
η
ƒ = 901 MHz
PIN = 0 dBm
Output Power, PAE, and VSWR vs. Fequency
0
10
20
30
40
50
60
800
850
900
950
1000
ƒ, Frequency (MHz)
1:1
2:1
3:1
η
VSWR
POUT
η
Harmonics
-40
-30
-20
-10
0
10
20
30
40
ƒο
2ƒο
3ƒο
4ƒο
5ƒο
Frequency
ƒο = 901 MHz
PIN = 0 dBm
VDD = 3.4 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com