Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA02303GJ-R13 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MA02303GJ-R13
Description  RF Power Amplifier IC for 2.4 GHz ISM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA02303GJ-R13 Datasheet(HTML) 7 Page - Tyco Electronics

  MA02303GJ-R13 Datasheet HTML 1Page - Tyco Electronics MA02303GJ-R13 Datasheet HTML 2Page - Tyco Electronics MA02303GJ-R13 Datasheet HTML 3Page - Tyco Electronics MA02303GJ-R13 Datasheet HTML 4Page - Tyco Electronics MA02303GJ-R13 Datasheet HTML 5Page - Tyco Electronics MA02303GJ-R13 Datasheet HTML 6Page - Tyco Electronics MA02303GJ-R13 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
RF Power Amplifier IC for 2.4 GHz ISM
MA02303GJ
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
7
Designing with the MA02303GJ (Cont’d)
Frequency
VDD1 Pin 1
RFIN/VGG1 Pin 2
VGG2 Pin 4
RFOUT/VDD3 Pin 7
VDD2 Pin 8
GHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
3.7
0.98115
30.74
0.28368
-7.89
0.97774
-40.95
0.89832
32.95
0.97468
47.68
3.8
0.99055
28.59
0.26456
-0.17
0.97527
-46.15
0.88711
28.34
0.98255
45.41
3.9
0.99468
26.15
0.26206
8.43
0.97149
-51.66
0.85217
23.98
0.98187
42.91
4.0
0.99541
23.85
0.27526
16.18
0.96801
-57.48
0.78439
25.69
0.97076
41.20
4.1
0.99675
21.53
0.30017
21.62
0.96214
-63.64
0.91321
26.53
0.98240
39.66
4.2
0.99695
19.34
0.33169
24.71
0.95817
-70.37
0.95402
19.53
0.98870
37.44
4.3
0.99709
17.08
0.36614
25.86
0.95218
-77.52
0.95927
14.12
0.99033
35.21
4.4
0.99625
14.89
0.40041
25.61
0.94464
-85.24
0.95907
9.50
0.99064
33.12
4.5
0.99600
12.71
0.43430
24.41
0.93766
-93.67
0.95776
5.12
0.99008
31.05
4.6
0.99528
10.53
0.46785
22.33
0.92733
-102.87
0.95648
0.78
0.98931
29.00
4.7
0.99356
8.29
0.49729
18.61
0.90989
-112.87
0.95538
-3.70
0.98729
26.91
4.8
0.98985
6.02
0.50830
15.70
0.89316
-122.91
0.95299
-8.40
0.98183
24.79
4.9
0.98183
3.77
0.53008
12.03
0.87835
-135.47
0.94875
-13.35
0.96994
22.79
5.0
0.96606
1.91
0.51899
5.22
0.76901
-147.15
0.94290
-18.71
0.94954
21.59
5.1
0.95907
1.19
0.48184
8.12
0.80492
-149.68
0.93754
-24.50
0.95096
21.58
5.2
0.97380
-0.08
0.51026
7.72
0.86212
-162.69
0.93242
-31.40
0.96888
20.35
5.3
0.98447
-2.18
0.52064
4.75
0.87712
-176.53
0.92307
-39.86
0.97525
18.47
5.4
0.98993
-4.47
0.51978
2.19
0.88096
170.41
0.90396
-50.55
0.98503
17.01
5.5
0.99206
-6.71
0.51313
-0.14
0.88478
157.90
0.86790
-64.94
0.99094
14.98
5.6
0.99234
-8.95
0.50465
-2.02
0.89099
145.89
0.79942
-85.01
0.99192
13.15
5.7
0.99149
-11.15
0.49217
-3.82
0.89655
134.39
0.69417
-115.75
0.99221
11.35
5.8
0.98990
-13.42
0.47394
-5.03
0.90165
123.67
0.55561
-163.96
0.99216
9.58
5.9
0.98628
-15.52
0.45693
-5.12
0.90854
113.69
0.51158
134.06
0.99070
7.95
6.0
0.98532
-17.49
0.44346
-4.72
0.91522
104.42
0.59033
85.74
0.98983
6.41
MSOP-8EP (Downset Lead)
Note: All dimensions per JEDEC MO-187 Var. AA (issue B)
except for D1, E2, and A1. See JEDEC or contact M/A-COM
for additional dimensional and tolerance information.
Dim
Measurement (mm)
Min.
Max.
Min.
Max.
A
0.80
1.10
0.0315
0.0433
A1
0.26
0.076
0.0010
0.0030
A2
0.75
0.95
0.0295
0.0374
b
0.25
0.40
0.0098
0.0157
D
2.90
3.10
0.1142
0.1220
E
4.90
basic
4.90
basic
0.1929
basic
0.1929
basic
E1
2.90
3.10
0.1142
0.1220
e
0.65
basic
0.65
basic
0.0256
basic
0.0256
basic
L
0.40
0.70
0.0157
0.0276
Theta (
θ)
0
o
6
o
0
o
6
o
Measurement (inches)
D1
1.85 ref.
1.85 ref.
0.073 ref. 0.073 ref.
E2
1.73 ref.
1.73 ref.
0.068 ref. 0.068 ref.
MSOP-8
15°
MAX
L
Theta
θ
PIN 8
PIN 1
E1
E
e
D
A1
A
b
A2
D1
E2
EXPOSED PAD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com