Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA0S506AJ-R13 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA0S506AJ-R13
Description  5.0 - 6.0 SPDT T/R Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA0S506AJ-R13 Datasheet(HTML) 3 Page - Tyco Electronics

  MA0S506AJ-R13 Datasheet HTML 1Page - Tyco Electronics MA0S506AJ-R13 Datasheet HTML 2Page - Tyco Electronics MA0S506AJ-R13 Datasheet HTML 3Page - Tyco Electronics MA0S506AJ-R13 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Description
Specifications subject to change without notice.
! North America: Tel. (800) 366-2266
! Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
! Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
3
Visit www.macom.com for additional data sheets and product information.
5.0 – 6.0 SPDT T/R Switch
MA0S506AJ
V 1.0
Typical Performance Curves
Insertion Loss vs. Frequency
Isolation vs. Frequency
Insertion Loss Variation vs. Frequency
Return Loss vs. Frequency
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
5.0
5.2
5.4
5.6
5.8
6.0
Frequency (GHz)
-50
-40
-30
-20
-10
5.0
5.2
5.4
5.6
5.8
6.0
Frequency (GHz)
-12
-10
-8
-6
-4
-2
0
5.0
5.2
5.4
5.6
5.8
6.0
Frequency (GHz)
-0.004
-0.003
-0.002
-0.001
0
5.0
5.2
5.4
5.6
5.8
6.0
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com