Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA45430 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA45430
Description  Surface Mount Abrupt Tuning Varactors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA45430 Datasheet(HTML) 1 Page - Tyco Electronics

  MA45430 Datasheet HTML 1Page - Tyco Electronics MA45430 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount
Abrupt Tuning Varactors
MA45430 Series
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
Features
q
Surface Mount Package
q
Low Cost
q
High Quality Factor
q
Tape and Reel Packaging Available
q
SPC Controlled Process for Superior C-V Repeatability
q
Available as Singles and Common Cathode Pairs
Description
The MA45430 series are abrupt junction silicon tuning
varactors in the SOT-23 surface mount package. These
thermal oxide passivated diodes feature high capacitance
ratio and quality factor. They are well suited for tuning in
the HF to UHF frequency bands. The standard capaci-
tance tolerance is ±10%, with tighter tolerances available.
Capacitance matching at one or more bias voltages is
also available.
Applications
The MA45430 series tuning varactor is useful for tuning
applications in the HF through UHF ranges. Applications
include VCOs and voltage tuned filters in radios, cable
TV tuners and test instruments where low cost and excel-
lent lot-to-lot repeatability are critical.
Ordering Information
The part numbers shown are for single diodes. When
ordering diodes in common cathode pairs add suffix
“CK.” For example, MA45436CK specifies model number
MA45436 as a common cathode pair. To order parts on
tape and reel add suffix T/R to the end of the part num-
ber. i.e. MA45436CK - T/R.
Mounting Information
The diagram below indicates the recommended mount-
ing pad configuration for the SOT-23 package. Solder
paste containing flux should be screened onto the pads
to a thickness of 0.005 inches. The SOT-23 device is
placed in position, firmly adhering to the solder paste.
Permanent attachment is performed by a reflow soldering
procedure. The tab temperature must not exceed 275°C
and the body temperature must not exceed 250°C.
SOT-23
Configurations
TOP VIEW
(SINGLE)
(COMMON CATHODE PAIR)
Absolute Maximum Ratings at 25°C
Note:
1. At 25
°C case temperature. Derate linearly to 0 mW at 150°C.
Parameter
Absolute Maximum
Reverse Voltage
30 V
Forward Current
50 mA
Total Power Dissipation1
250 mW
Junction Operating Temperature
-55°C to +150°C
Storage Temperature
-55°C to +150°C


Similar Part No. - MA45430

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA45436-287T MACOM-MA45436-287T Datasheet
55Kb / 3P
Si Abrupt Tuning Varactor Diode
logo
M/A-COM Technology Solu...
MA45436-287T MA-COM-MA45436-287T Datasheet
59Kb / 3P
Si Abrupt Tuning Varactor Diode
MA45436-287T MA-COM-MA45436-287T Datasheet
59Kb / 3P
Si Abrupt Tuning Varactor Diode
logo
Tyco Electronics
MA45436CK-287T MACOM-MA45436CK-287T Datasheet
55Kb / 3P
Si Abrupt Tuning Varactor Diode
logo
M/A-COM Technology Solu...
MA45436CK-287T MA-COM-MA45436CK-287T Datasheet
59Kb / 3P
Si Abrupt Tuning Varactor Diode
More results

Similar Description - MA45430

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1405 ALPHA-SMV1405 Datasheet
480Kb / 3P
Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA46600 MACOM-MA46600 Datasheet
64Kb / 3P
GaAs Abrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1493 SKYWORKS-SMV1493 Datasheet
64Kb / 5P
Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA46600 MACOM-MA46600_1 Datasheet
73Kb / 2P
GaAs, High Q Abrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405 Datasheet
100Kb / 5P
Abrupt Junction Tuning Varactors
logo
M/A-COM Technology Solu...
MA46600 MA-COM-MA46600 Datasheet
77Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46600_V6 MA-COM-MA46600_V6 Datasheet
148Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46600 MA-COM-MA46600 Datasheet
148Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46600 MA-COM-MA46600_15 Datasheet
550Kb / 3P
GaAs High Q Abrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405_16 Datasheet
726Kb / 10P
Plastic Packaged Abrupt Junction Tuning Varactors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com