Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA46 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA46
Description  Surface Mount GaAs Tuning Varactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA46 Datasheet(HTML) 3 Page - Tyco Electronics

  MA46 Datasheet HTML 1Page - Tyco Electronics MA46 Datasheet HTML 2Page - Tyco Electronics MA46 Datasheet HTML 3Page - Tyco Electronics MA46 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface Mount GaAs Tuning Varactors
MA46 Series
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
3
Specifications Subject to Change Without Notice.
V3.00
Electrical Specifications @ 25°C
Gamma 1.25 Hyperabrupt Tuning Varactors
Breakdown Voltage @ 10 µA = 22 V minimum
Reverse Current @ 16 V = 100 nA maximum
Gamma = 1.13 - 1.38, V
R = 2 to 20 V
Temperature Coefficient of Capacitance vs Reverse Voltage
Typical Performance Curves
Capacitance vs Reverse Voltage
6 500
6 503
REVERSE VOLTAGE (VOLTS)
0.1
10
1
100
100
10
1
0.1
MA46H503
MA46H502
MA46H501
MA46H500
MA46H504
Electrical Specifications @ 25°C
Gamma 1.5 Hyperabrupt Tuning Varactors
Breakdown Voltage @ 10µA = 18 V minimum
Reverse Current @ 14 V = 100 nA maximum
Gamma = 1.4 - 1.6, V
R = 2 to 12 V
Nominal
Total
Total
Model
Capacitance
Capacitance
Typical
Number
(pF)
Ratio (C
T2/CT12)Q
f = 1 MHz
f = 1 MHz
f = 50 MHz
V
R = 4 Volts
V
R = 2/VR = 12
V
R = 4 Volts
MA46H500
0.5 - 0.7
2.8
2500
MA46H501
0.9 - 1.1
3.9
2500
MA46H502
2.7 - 3.3
5.0
1800
MA46H503
4.5 - 5.5
8.1
1200
MA46H504
9.0 - 11.0
8.1
1200
Nominal
Total
Total
Model
Capacitance
Capacitance
Typical
Number
(pF)
Ratio (C
T2/CT20)Q
f = 1 MHz
f = 1 MHz
f=50 MHz
V
R = 4 Volts
V
R = 2/VR=20
V
R = 4 Volts
MA46H200
0.5 - 0.7
3.0
3000
MA46H201
0.9 - 1.1
4.1
3000
MA46H202
2.7 - 3.3
5.6
2000
MA46H203
4.5 - 5.5
10.0
1500
MA46H204
9.0 - 11.0
10.0
1500
MA46H205
10.8 - 13.2
10.0
1500
MA46H206
13.5 - 16.5
10.0
1500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com