Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3669 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3669
Description  IO-Link Transceiver with Integrated Step-Down Regulator and LDO
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3669 Datasheet(HTML) 2 Page - Linear Technology

  LT3669_15 Datasheet HTML 1Page - Linear Technology LT3669_15 Datasheet HTML 2Page - Linear Technology LT3669_15 Datasheet HTML 3Page - Linear Technology LT3669_15 Datasheet HTML 4Page - Linear Technology LT3669_15 Datasheet HTML 5Page - Linear Technology LT3669_15 Datasheet HTML 6Page - Linear Technology LT3669_15 Datasheet HTML 7Page - Linear Technology LT3669_15 Datasheet HTML 8Page - Linear Technology LT3669_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LT3669/LT3669-2
2
3669fa
For more information www.linear.com/LT3669
ABSOLUTE MAXIMUM RATINGS
L+, EN/UVLO Voltage (Note 3) .................... –60V to 60V
CQ1, Q2 Voltage.......................................... –60V to 60V
(L+ to CQ1), (L+ to Q2) Voltage................... –60V to 60V
DIO, LDOIN Voltage (Note 3) ...................... –0.3V to 60V
DIO Above L+ Voltage ...............................................90V
BST Voltage ..............................................................50V
BST Above SW Voltage.............................................30V
BD Voltage ................................................................30V
LDO Voltage................................................................8V
LDO Above LDOIN Voltage .......................................0.3V
(Notes 1 and 2)
PIN CONFIGURATION
FBOUT, FBLDO, SYNC Voltage.......................................6V
CPOR, RT, ILIM Voltage ..............................................3V
SR, TXEN1, TXD1, TXEN2, TXD2 Voltage .................30V
SC1, SC2, WAKE, RST, RXD1 Voltage .......................30V
Operating Junction Temperature
Range (Notes 4 and 5)
LT3669E ............................................ –40°C to 125°C
LT3669I ............................................. –40°C to 125°C
LT3669H............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
LT3669
LT3669-2
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
29
GND
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
SC1
SC2
WAKE
RXD1
TXEN1
TXD1
TXEN2
TXD2
RT
FBOUT
FBLDO
LDO
LDOIN
BD
BST
SW
7
17
18
19
20
21
22
16
8
15
θJA = 44°C/W, θJC = 8°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
29
GND
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
SC1
SC2
WAKE
RXD1
TXEN1
TXD1
TXEN2
TXD2
RT
FBOUT
FBLDO
LDO
LDOIN
BD
BST
SW
7
17
18
19
20
21
22
16
8
15
θJA = 44°C/W, θJC = 8°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com