Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3752 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3752
Description  Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3752_15 Datasheet HTML 17Page - Linear Technology LT3752_15 Datasheet HTML 18Page - Linear Technology LT3752_15 Datasheet HTML 19Page - Linear Technology LT3752_15 Datasheet HTML 20Page - Linear Technology LT3752_15 Datasheet HTML 21Page - Linear Technology LT3752_15 Datasheet HTML 22Page - Linear Technology LT3752_15 Datasheet HTML 23Page - Linear Technology LT3752_15 Datasheet HTML 24Page - Linear Technology LT3752_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
LT3752/LT3752-1
21
3752fb
For more information www.linear.com/LT3752
1.250V
3752 F05
R1
R2
TO
OVLO PIN
R3
SYSTEM
INPUT (VS)
UVLO_VSEC
LT3752/LT3752-1
5µA
Figure 5. Programming Undervoltage Lockout (UVLO)
APPLICATIONS INFORMATION
Programming System Input Undervoltage Lockout
(UVLO) Threshold and Hysteresis
The LT3752/LT3752-1 have an accurate 1.25V shutdown
threshold at the UVLO_VSEC pin. This threshold can be
used in conjunction with an external resistor divider to
definethefallingundervoltagelockoutthreshold(UVLO(–))
for the converter’s system input voltage (VS) (Figure 5).
A pin hysteresis current of 5µA allows programming of
the UVLO(+) threshold.
VS (UVLO(–)) [begin SOFT-STOP then shut down]
= 1.25 1+
R1
R2
+R3




VS (UVLO(+)) [begin SOFT-START]
= VS (UVLO(–)) + (5µA • R1)
It is important to note that the part enters soft-stop when
the UVLO_VSEC pin falls back below 1.25V. During soft-
stop the converter continues to switch as it folds back
switching frequency, volt-second clamp and COMP pin
voltage. See Soft-Stop in the Applications Information
section. When the SS2 pin is finally discharged below its
150mV reset threshold both the housekeeping supply and
forward converter are shut down.
used to pull down the UVLO_VSEC pin below 1.25V but not
below the micropower shutdown threshold of 0.6V(max).
Typical VIN quiescent current after soft-stop is 165µA.
Micropower Shutdown
If a micropower shutdown is required using an external
control signal, an open-drain transistor can be directly
connected to the UVLO_VSEC pin. The LT3752/LT3752-1
haveamicropowershutdownthresholdoftypically0.4Vat
the UVLO_VSEC pin. VIN quiescent current in micropower
shutdown is 20µA.
Programming System Input Overvoltage Lockout
(OVLO) Threshold
The LT3752/LT3752-1 have an accurate 1.25V overvoltage
shutdown threshold at the OVLO pin. This threshold can
be used in conjunction with an external resistor divider to
define the rising overvoltage lockout threshold (OVLO(+))
for the converter’s system input voltage (VS) (Figure 6).
When OVLO(+) is reached, the part stops switching im-
mediately and a hard stop discharges the SS1 and SS2
pins. The falling threshold OVLO(–) is fixed internally at
1.215V and allows the part to restart in soft-start mode.
A single resistor divider can be used from system input
supply (VS) to define both the undervoltage and overvolt-
age thresholds for the system. Minimum value for R3 is
1k. If OVLO is unused, place a 10k resistor from OVLO
pin to ground.
VS OVLO(+) [stop switching; HARD STOP]
= 1.25 1+
R1
+R2
R3




VS OVLO(–) [begin SOFT-START]
= VS OVLO +
(
)• 1.215
1.25
Soft-Stop Shutdown
Soft-stop shutdown (similar to system undervoltage) can
be commanded by an external control signal. A MOSFET
with a diode (or diodes) in series with the drain should be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com