Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8490 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8490
Description  High Voltage, High Current Buck-Boost Battery Charge Controller with Maximum Power Point Tracking
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8490 Datasheet(HTML) 2 Page - Linear Technology

  LT8490_15 Datasheet HTML 1Page - Linear Technology LT8490_15 Datasheet HTML 2Page - Linear Technology LT8490_15 Datasheet HTML 3Page - Linear Technology LT8490_15 Datasheet HTML 4Page - Linear Technology LT8490_15 Datasheet HTML 5Page - Linear Technology LT8490_15 Datasheet HTML 6Page - Linear Technology LT8490_15 Datasheet HTML 7Page - Linear Technology LT8490_15 Datasheet HTML 8Page - Linear Technology LT8490_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
LT8490
2
8490f
For more information www.linear.com/LT8490
pin conFiguraTion
absoluTe MaxiMuM raTings
VCSP – VCSN, VCSPIN – VCSNIN,
VCSPOUT – VCSNOUT................................... –0.3V to 0.3V
SS, CLKOUT, CSP, CSN Voltage .................. –0.3V to 3V
VC Voltage (Note 2)................................... –0.3V to 2.2V
LDO33, VDD, AVDD Voltage .......................... –0.3V to 5V
RT, FBOUT Voltage....................................... –0.3V to 5V
IMON_IN, IMON_OUT Voltage .................... –0.3V to 5V
SYNC Voltage............................................ –0.3V to 5.5V
INTVCC, GATEVCC Voltage ........................... –0.3V to 7V
VBOOST1 – VSW1, VBOOST2 – VSW2................ –0.3V to 7V
SWEN, MODE Voltage ................................. –0.3V to 7V
SRVO_FBIN, SRVO_FBOUT Voltage........... –0.3V to 30V
SRVO_IIN, SRVO_IOUT Voltage................. –0.3V to 30V
FBIN, SHDN Voltage................................... –0.3V to 30V
CSNIN, CSPIN, CSPOUT, CSNOUT Voltage.. –0.3V to 80V
VIN, EXTVCC Voltage .................................. –0.3V to 80V
SW1, SW2 Voltage .....................................81V (Note 5)
BOOST1, BOOST2 Voltage ........................ –0.3V to 87V
BG1, BG2, TG1, TG2........................................... (Note 4)
IOW, ECON, CLKDET Voltage ......... –0.3V to VDD + 0.5V
SWENO, STATUS Voltage................ –0.3V to VDD + 0.5V
FBOW, FBIW, FAULT Voltage .......... –0.3V to VDD + 0.5V
VINR, FBOR, IIR, IOR Voltage ......... –0.3V to VDD + 0.5V
TEMPSENSE Voltage....................... –0.3V to VDD + 0.5V
CHARGECFG2,
CHARGECFG1 Voltage..................... –0.3V to VDD + 0.5V
Operating Junction Temperature Range
LT8490E (Notes 1, 3)......................... –40°C to 125°C
LT8490I (Notes 1, 3).......................... –40°C to 125°C
Storage Temperature Range ................. –65°C to 150°C
(Note 1)
TOP VIEW
UKJ PACKAGE
64-LEAD (7mm × 11mm) PLASTIC QFN
65
GND
FBIR 1
FAULT 2
TEMPSENSE 3
VDD 4
FBOW 5
FBIW 6
INTVCC 7
SWEN 8
MODE 9
IMON_IN 10
SHDN 11
CSN 12
CSP 13
LDO33 14
FBIN 15
FBOUT 16
IMON_OUT 17
VC 18
SS 19
CLKOUT 20
52 NC
51 STATUS
50 IOW
49 SWENO
48 ECON
46 VIN
45 CSPIN
44 CSNIN
42 CSPOUT
41 CSNOUT
40 EXTVCC
38 SRVO_FBOUT
37 SRVO_IOUT
36 SRVO_IIN
35 SRVO_FBIN
33 BOOST1
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8490EUKJ#PBF
LT8490EUKJ#TRPBF
LT8490UKJ
64-Lead (7mm × 11mm) Plastic QFN
–40°C to 125°C
LT8490IUKJ#PBF
LT8490IUKJ#TRPBF
LT8490UKJ
64-Lead (7mm × 11mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com