Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 3 Page - Linear Technology

  LTC2000_15 Datasheet HTML 1Page - Linear Technology LTC2000_15 Datasheet HTML 2Page - Linear Technology LTC2000_15 Datasheet HTML 3Page - Linear Technology LTC2000_15 Datasheet HTML 4Page - Linear Technology LTC2000_15 Datasheet HTML 5Page - Linear Technology LTC2000_15 Datasheet HTML 6Page - Linear Technology LTC2000_15 Datasheet HTML 7Page - Linear Technology LTC2000_15 Datasheet HTML 8Page - Linear Technology LTC2000_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
LTC2000
3
2000f
For more information www.linear.com/LTC2000
pin conFiguration
aBsolute maximum ratings
AVDD33, DVDD33, SVDD................................. –0.3V to 4V
AVDD18, DVDD18............................................ –0.3V to 2V
IOUTP, IOUTN.................–1.2V to Min (AVDD33 + 0.3V, 4V)
FSADJ, REFIO ............ –0.3V to Min (AVDD33 + 0.3V, 4V)
DCKIP, DCKIN ............–0.3V to Min (DVDD33 + 0.3V, 4V)
DCKOP, DCKON..........–0.3V to Min (DVDD33 + 0.3V, 4V)
DAP/N, DBP/N............–0.3V to Min (DVDD33 + 0.3V, 4V)
TSTP, TSTN................ –0.3V to Min (AVDD33 + 0.3V, 4V)
(Notes 1, 2)
LTC2000-16
LTC2000-14
LTC2000-11
1
S
R
Q
P
N
M
L
K
J
H
GND
GND
DVDD33
AVDD33
GND
G
F
E
D
C
B
A
2
3
4
5
6
7
8
9 10
BGA PACKAGE
170-LEAD (9mm
× 15mm × 1.54mm)
TOP VIEW
AVDD18
DVDD18
TJMAX = 125°C, θJA = 20°C/W, θJB = 8°C/W,
θJCtop = 9°C/W, θJCbottom = 3°C/W
1
S
R
Q
P
N
M
L
K
J
H
DVDD33
AVDD18
GND
GND
GND
G
F
E
D
C
B
A
2
3
4
5
6
7
8
9 10
BGA PACKAGE
170-LEAD (9mm
× 15mm × 1.54mm)
TOP VIEW
AVDD33
DVDD18
TJMAX = 125°C, θJA = 20°C/W, θJB = 8°C/W,
θJCtop = 9°C/W, θJCbottom = 3°C/W
1
S
R
Q
P
N
M
L
K
J
H
GND
GND
DVDD33
AVDD18
GND
G
F
E
D
C
B
A
2
3
4
5
6
7
8
9 10
BGA PACKAGE
170-LEAD (9mm
× 15mm × 1.54mm)
TOP VIEW
AVDD33
DVDD18
TJMAX = 125°C, θJA = 20°C/W, θJB = 8°C/W,
θJCtop = 9°C/W, θJCbottom = 3°C/W
CKP, CKN ................... –0.3V to Min (AVDD18 + 0.3V, 2V)
CS, PD, SCK, SDI, SDO...–0.3V to Min (SVDD + 0.3V, 4V)
Operating Temperature Range
LTC2000C................................................ 0°C to 70°C
LTC2000I .............................................–40°C to 85°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range .................. –55°C to 125°C
Lead Temperature (Soldering, 10 sec)...................260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com