Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4BPS101 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4BPS101
Description  PIN Diode Chips with Offset Bond Pads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4BPS101 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4BPS101 Datasheet HTML 1Page - Tyco Electronics MA4BPS101 Datasheet HTML 2Page - Tyco Electronics MA4BPS101 Datasheet HTML 3Page - Tyco Electronics MA4BPS101 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PIN Diode Chips With Offset Bond Pads
MA4BPS101, MA4BPS201, MA4BPS301
M/A-COM Division of AMP Incorporated
Q North America: Tel. (800) 366-2266, Fax (800) 618-8883 Q Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
Q Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.01
Chip Outline Drawing (ODS-1244)
1,000
10,000
100,000
0.0
2.0
4.0
6.0
8.0
10.0
Reverse Vol tage (Vol ts)
Typical Resistance Curves
Series Resistance vs. Forward Current at 1 GHz
Parallel Resistance vs. Reverse Voltage at 1 GHz
Hanlding and Mounting Information
Handling
All semiconductor dice should be handled with care to avoid
damage or contamination.
For an individual die, the use of
plastic tipped tweezers or vacuum pick-up tool is recommended.
When using automatic pick and place, abrasion and mechanical
shock should be minimized.
Mounting
The dice have Ti-Pt-Au back metal, with a final gold thickness
of 0.1 micron. They can be die mounted with a gold-tin eutectic
solder preform or conductive epoxy.
The mounting surface
must be clean and flat.
Eutectic Die Attachment
An 80/20 gold-tin eutectic solder preform is recommended with
a work surface temperature of 255
°C and a tool tip temperature
of 265
°C. When hot gas is applied, the tool tip temperature
should be 290
°C. The chip should not be exposed to tempera-
tures greater than 320
°C for more than 20 seconds. No more
than three seconds should be required for attachment.
Epoxy Die Attachment
A minimum amount of epoxy should be used. A thin epoxy
fillet should be visible around the perimeter of the chip after
placement. Cure epoxy per manufacturer’s schedule.
Wire Bonding
The two bond pads on these die have a Ti-Pt-Au metalization
scheme, with a final gold thickness of 2.5 microns. The pads are
75 x 150 microns; up to two wires or a 100 micron wide ribbon
can be bonded to each pad. Thermosonic wedge wire bonding of
0.001” diameter gold wire is recommended with a stage temper-
ature of 150
°C and a force of 25 to 40 grams. Ultrasonic energy
should be adjusted to the minimum required.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.019
0.0213
0.480
0.540
B
0.019
0.0213
0.480
0.540
C
0.0055
0.0063
0.140
0.160
D
0.0026
0.0033
0.065
0.085
E
0.0094
0.0102
0.240
0.260
F
0.007 Ref.
0.180 Ref.
G
0.002 Ref.
0.050 Ref.
H
0.0043
0.0055
0.110
0.140
Notes:
1. Bond pad material: 2.5 micron thick gold.
2. Shaded areas indicate wire bonding pads
3. Backside metal: 0.1 micron thick gold.
0.1
1.0
10.0
100.0
0.0
0.1
1.0
10.0
100.0
For wa r d Cur r e nt ( mA)
MA4BPS101
MA4BPS201
MA4BPS301
MA4BPS101
MA4BPS201
MA4BPS301



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com