Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSP400 Datasheet(PDF) 2 Page - Comchip Technology

Part # CDSP400
Description  SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSP400 Datasheet(HTML) 2 Page - Comchip Technology

  CDSP400_15 Datasheet HTML 1Page - Comchip Technology CDSP400_15 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTIC CURVES (CDSP400)
Page 2
QW-B0023
REV:A
Fig.2 Reverse Characteristics
-
1n
VR, Reverse Voltage (V)
0
Fig.1 - Forward Characteristics
10μ
VF, Forward Voltage (V)
0
0.2
0.4
0.6
0.8
1.0
100μ
100m
1
10n
10μ
20
40
80
Fig.3 Capacitance between terminals
-
0.1
VR, Reverse Voltage (V)
1
10
Fig.4 Reverse Recovery Time
-
Characteristics
0
IF, Forward Current (mA)
0
10
30
1
2
3
Fig.5
urge Current Characteristics
- S
1
Tw, Pulse Width (mS)
0.1
10
1000
10000
100
60
100n
20
1
100
10
1.2
1.4
1m
10m
100
120
100μ
1m
O
TA=125 C
O
TA=75 C
O
TA=25 C
0
2
4
6
8
10
12
14
VR=6V
Irr=1/10IR
Pulse Generator
Output 50Ω
5KΩ
50Ω
D.U.T.
0.01μF
Sampling
Oscilloscope
Fig.6 Reverse Recovery Time (trr) Measurement Circuit
-
PULSE
Single pulse
SMD Switching Diode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com