Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

251925B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 251925B
Description  Typical 1dB bandwidth of 19.3 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

251925B Datasheet(HTML) 2 Page - Integrated Technology Future

  251925B Datasheet HTML 1Page - Integrated Technology Future 251925B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
145.0 MHz SAW Filter
Part Number 251925B
Tel: 82-32-621-1213
2013. 03. 27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
3. Typical Performance ( at +25℃
℃
℃
℃ )
1dB Bandwidth & Ripple
40dB Bandwidth
3dB Bandwidth & Group Delay
20dB Bandwidth
Wideband Properties
SWR(S11 & S22)
CH1 S21
LOG
1 dB/
REF -26.72 dB
CENTER 145 . 000 000 MHz
SPAN 24. 000 000 MHz
Cor
CH2 S21
LOG
1 dB/
REF -26.98 dB
Cor
26 Mar 2012 03:44:45
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
19. 365416 MHz
cent : 145 . 073145 MHz
Q: 7. 4914
1_loss : -26 . 566 dB
2
3
3:- . 57970 dB
18. 800 000 MHz
REF=2
CH2 Markers
mean:-26 . 589 dB
s. dev : . 24960 dB
p-p : 1. 1227 dB
CH1
S21
LOG
1 dB/
REF -26.72 dB
Cor
CH2
S21
DEL
50 ns/
REF 2.119 us
CENTER 145 . 000 000 MHz
SPAN 24. 000 000 MHz
Cor
Smo
26 Mar 2012 03:45:01
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
19. 688645 MHz
cent : 145 . 087998 MHz
Q: 7. 3691
1_loss : -26 . 552 dB
2
3
3: 4. 5779 ns
18. 800 000 MHz
REF=2
CH2 Markers
mean: 2. 0875 us
s. dev : 6. 9789 ns
p-p : 33. 061 ns
CH1
S21
LOG
10 dB/
REF -26.72 dB
CENTER 145 . 000 000 MHz
SPAN 70. 000 000 MHz
Cor
26 Mar 2012 03:40:22
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
21. 055785 MHz
cent : 145 . 093891 MHz
Q: 6. 8909
1_loss : -26 . 684 dB
CH1
S21
LOG
10 dB/
REF -26.72 dB
CENTER 145 . 000 000 MHz
SPAN 70. 000 000 MHz
Cor
26 Mar 2012 03:41:45
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 602724 MHz
cent : 145 . 094359 MHz
Q: 7. 0425
1_loss : -26 . 684 dB
CH1
S21
LOG
10 dB/
REF -28.67 dB
START
. 010 000 MHz
STOP 600 . 000 000 MHz
26 Mar 2012 03:47:34
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-69 . 204 dB
145. 000 MHz
3:-67 . 398 dB
290. 000 MHz
CH1
S11
SWR
10 /
REF 7.35
Cor
CH2
S22
SWR
10 /
REF 7.131
CENTER 145 . 000 000 MHz
SPAN 70. 000 000 MHz
Cor
26 Mar 2012 03:46:12
1
1: 7. 3523
145 . 000 000 MHz
2
2: 7. 1289
145 . 000 000 MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com