Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDVR083V3U Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDVR083V3U
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR083V3U Datasheet(HTML) 2 Page - Comchip Technology

  CPDVR083V3U_15 Datasheet HTML 1Page - Comchip Technology CPDVR083V3U_15 Datasheet HTML 2Page - Comchip Technology CPDVR083V3U_15 Datasheet HTML 3Page - Comchip Technology CPDVR083V3U_15 Datasheet HTML 4Page - Comchip Technology CPDVR083V3U_15 Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
Comchip Technology CO., LTD.
kV
A
W
±20
5
40
ESD
IPP
PPP
°C
-55 to +125
-55 to +125
TJ
Operating temperature
ESD per IEC 61000-4-2(Air)
Peak pulse current
( tp = 8/20 us)
Peak pulse power ( tp = 8/20 us)
Parameter
Symbol
Value
Unit
Maximum Ratings (at TA=25°C unless otherwise noted)
ESD per IEC 61000-4-2(Contact)
Storage temperature
TSTG
±15
°C
V
V
3.3
VPT
VRWM
Punch-through voltage
Reverse stand-off voltage
Parameter
Conditions
Symbol Min Typ Max Unit
IPT = 2uA
Electrical Characteristics (at TA=25°C unless otherwise noted)
Snap-back voltage
ISB = 50mA
VSB
Leakage current
VR = 3.3V
V
IL
2.8
Clamping voltage
IPP
Any Channel Pin to Ground
= 1 A, Tp=8/20us,
VC
V
0.5
0.05
3.5
5.5
uA
IPP
Any Channel Pin to Ground
= 5 A, Tp=8/20us,
VC
V
8.0
IPPR
Ground to Any Channel Pin
= 1 A, Tp=8/20us,
VCR
V
2.4
Reverse clamping voltage
Junction capacitance
VR
Any Channel Pin to Ground
= 0 V, f = 1MHz
Cj
pF
30
VR = 3.3 V, f = 1MHz
Any Channel Pin to Ground
Cj
pF
14
25
REV:B
QW-BP027
SMD ESD Protection Diode



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com