Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST080 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4ST080
Description  Surface Mount Hyperabrupt Wide-Band Tuning Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST080 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4ST080 Datasheet HTML 1Page - Tyco Electronics MA4ST080 Datasheet HTML 2Page - Tyco Electronics MA4ST080 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Hyperabrupt
Wide-Band Tuning Varactors
MA4ST079 thru 083
V3.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
Features
q
Low Cost
q
Very High Capacitance Ratio from 1 to 8 Volts
q
Surface Mount Package
q
High Quality Factor
q
Useful for Battery Applications
q
SPC Monitored Ion Implantation for Excellent
C-V Repeatability
q
Singles and Common Cathode Pairs
q
Available in Tape and Reel
Description
The MA4ST079 through MA4ST083 series of silicon
hyperabrupt junction tuning varactors is produced with
ion implantation and advanced epitaxial growth tech-
niques. These diodes have thermal oxide passivation, and
feature very high capacitance ratio and quality factor.
They are well suited for use from the sub-HF through
UHF frequency range. The standard capacitance toler-
ance is ±10%, with tighter tolerances available.
Capacitance matching at one or more bias voltages is
also available.
Applications
The MA4ST079 through MA4ST083 series of hyperabrupt
junction tuning varactors is suggested for usage where a
large frequency change is required with only a small
change in tuning voltage.
This series is appropriate for usage in wide band voltage
controlled oscillators and voltage controlled filters which
require the largest rate of change of capacitance with
voltage. The large change in capacitance from 1 to 8
volts makes them very attractive for battery operated or
other systems with limited available control voltage.
The MA4ST079 through MA4ST083 family can be used in
VCOs and VTFs from approximately 100 KHz through the
UHF frequency band.
SOT-23
Configurations
TOP VIEW
(SINGLE)
(COMMON CATHODE PAIR)


Similar Part No. - MA4ST080

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST080 MACOM-MA4ST080 Datasheet
96Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST080 MA-COM-MA4ST080 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
More results

Similar Description - MA4ST080

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1232 ALPHA-SMV1232 Datasheet
42Kb / 4P
Hyperabrupt Tuning Varactors
SMV1247 ALPHA-SMV1247 Datasheet
502Kb / 4P
Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231 Datasheet
179Kb / 7P
Hyperabrupt Tuning Varactors
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
Hyperabrupt Tuning Varactors
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079_1 Datasheet
96Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
M/A-COM Technology Solu...
MA4ST079 MA-COM-MA4ST079 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083_15 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MAVR-0000XX MA-COM-MAVR-0000XX Datasheet
644Kb / 4P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com