Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST082 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4ST082
Description  Surface Mount Hyperabrupt Wide-Band Tuning Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST082 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4ST082 Datasheet HTML 1Page - Tyco Electronics MA4ST082 Datasheet HTML 2Page - Tyco Electronics MA4ST082 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079 thru 083
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 3 3263 8761
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 3 3263 8769
Fax +44 (1344) 300 020
3
Specifications Subject to Change Without Notice.
V3.00
NOMINAL Q vs REVERSE VOLTAGE
Typical Performance Curves
TOTAL CAPACITANCE vs REVERSE VOLTAGE
Package Capacitance = 0.15 pF typical
Package Inductance = 2 nH typical
Case Style
SOT-23 (High Profile)
Note:
1. Applicable on all sides
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
—
0.048
—
1.22
B
—
0.008
—
0.20
C
—
0.040
—
1.00
D
0.013
0.020
0.35
0.50
E
0.003
0.006
0.08
0.15
F
0.110
0.119
2.80
3.00
G
0.047
0.056
1.20
1.40
H
0.037 typical
0.95 typical
J
0.075 typical
1.90 typical
K
0.103
2.60
L
0.024
0.60
DIM.
GRADIENT
M
10° max.
1
N2°…30º



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com