Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3906SC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # 2N3906SC
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N3906SC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  2N3906SC Datasheet HTML 1Page - KEC(Korea Electronics) 2N3906SC Datasheet HTML 2Page - KEC(Korea Electronics) 2N3906SC Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2015. 5. 12
1/3
SEMICONDUCTOR
TECHNICAL DATA
2N3906SC
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Low Leakage Current
: ICEX=-50nA(Max.), IBL=-50nA(Max.)
@VCE=-30V, VEB=-3V.
・Excellent DC Current Gain Linearity.
・Low Saturation Voltage
: VCE(sat)=-0.4V(Max.) @IC=-50mA, IB=-5mA.
・Complementary to 2N3904SC.
MAXIMUM RATING (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-200
mA
Base Current
IB
-50
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55
~150
℃
Note : * Package Mounted On 99.5% Alumina 10
×8×0.6㎜)


Similar Part No. - 2N3906SC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N3906S KEC-2N3906S Datasheet
195Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
2N3906S KEC-2N3906S Datasheet
63Kb / 1P
SOT-23 PACKAGE
2N3906S KEC-2N3906S Datasheet
57Kb / 4P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
Inchange Semiconductor ...
2N3906S ISC-2N3906S Datasheet
296Kb / 3P
isc Silicon PNP Power Transistor
logo
First Silicon Co., Ltd
2N3906S FS-2N3906S Datasheet
205Kb / 6P
General Purpose Transistors
More results

Similar Description - 2N3906SC

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com