Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4403SC Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # 2N4403SC
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N4403SC Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  2N4403SC Datasheet HTML 1Page - KEC(Korea Electronics) 2N4403SC Datasheet HTML 2Page - KEC(Korea Electronics) 2N4403SC Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2015. 5. 12
3/3
2N4403SC
Revision No : 0
-1
0
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
h
- I
C
COLLECTOR CURRENT I
(mA)
-1
-3
-10
-30
1
COLLECTOR-BASE VOLTAGE V
(V)
-1
-3
1
3
-30
-10
CB
C
- V
COLLECTOR CURRENT I
(mA)
-1
-3
-10
-30
C
V
,V
- I
-100
-300
-1k
3
10
30
100
300
1k
V
=-2V
CE
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-10
-30
-100
-200
-3
V
=-10V
CE
C
FE
BE
C
BE(sat)
CE(sat)
C
-100
-300
-1k
-0.01
-0.03
-0.1
-0.3
-1
-3
-10
VBE(sat)
CE(sat)
V
I /I =10
C B
cb
CB
-100
5
10
30
50
100
f=140kHz
I =0
E



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com