Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4ST403 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4ST403
Description  Surface Mount Hyperabrupt Varactors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST403 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4ST403 Datasheet HTML 1Page - Tyco Electronics MA4ST403 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount Hyperabrupt Varactors
MA4ST300 Series
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
Electrical Specifications @ T
A = +25°C
Minimum Breakdown Voltage (V
B) = 22 Volts at
10 µA,
Maximum Reverse (I
R) = 100 nA at 20 Volts
1
10
100
1
1 0
100
RE VE RS E VO L T AG E ( V o lt s )
M A 4 S T 409
M A 4 S T 407
M A 4 S T 405
M A 4 S T 403
M A 4 S T 401
Typical Performance Curves
NOMINAL CHANGE in CAPACITANCE with
TEMPERATURE
TOTAL CAPACITANCE (pF) vs REVERSE
VOLTAGE
15 0
20 0
25 0
30 0
35 0
40 0
0
2
4
6
8
10
12
14
16
18
20
RE VE RS E V O L T AG E ( V o lt s )
Case Styles
SOT-23
Case Style 287
F
D
H
J
A
G
L
C
E
B
K
N
M
SOT-23 (Case Style 287)
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.048
1.22
B
0.008
0.20
C
0.040
1.00
D
0.013
0.020
0.35
0.50
E
0.003
0.006
0.08
0.15
F
0.110
0.119
2.80
3.00
G
0.047
0.056
1.20
1.40
H
0.037 typical
0.95 typical
J
0.075 typical
1.90 typical
K
0.103
2.60
L
0.024
0.60
DIM.
GRADIENT
M
10° max.
1
N
2° . . . 30°
Note:
1. Applicable on all sides.
Model
Number
Total
Capacitance
C
T4 ± 10%
Minimum
Capacitance
Ratio C
T2/CT20
Maximum
Q
MA4ST401
10 pF
6.0
250
MA4ST402
12 pF
6.5
250
MA4ST403
15 pF
7.0
250
MA4ST404
18 pF
7.0
175
MA4ST405
22 pF
7.5
175
MA4ST406
27 pF
8.0
150
MA4ST407
33 pF
9.0
150
MA4ST408
39 pF
9.5
150
MA4ST409
47 pF
9.5
150
Test
F = 1 MHz
F = 1 MHz
F = 50 MHz
Conditions
V
R = 4 Volts
V
R = 4 Volts



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com