Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW310 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4SW310
Description  Monolithic PIN Diode Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW310 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4SW310 Datasheet HTML 1Page - Tyco Electronics MA4SW310 Datasheet HTML 2Page - Tyco Electronics MA4SW310 Datasheet HTML 3Page - Tyco Electronics MA4SW310 Datasheet HTML 4Page - Tyco Electronics MA4SW310 Datasheet HTML 5Page - Tyco Electronics MA4SW310 Datasheet HTML 6Page - Tyco Electronics MA4SW310 Datasheet HTML 7Page - Tyco Electronics MA4SW310 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Monolithic Pin Diode Switches
MA4SW110, MA4SW210, MA4SW310
V5.00
Specification Subject to Change Without Notice
M/A-COM, Inc. _______________________________________________________________________________
3
North America: Tel. (800) 366-2266
Fax (800) 618-8883
þ
Asia/Pacific:
Tel. +81 3 3263 8761
Fax +81 3 3263 8769
þ
3Europe: Tel. +44 (1344) 869 595
Fax +44 (1344) 300 020
Typical Performance Curves @ TAMB = +25°C, +/- 20mA Bias Current
MA4SW110
RETURN LOSS vs FREQUENCY
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
FR EQU ENC Y (GH z)
Input R eturn Loss
O utput R eturn Loss
MA4SW310
RETURN LOSS vs FREQUENCY
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
FR EQU ENC Y (GH z)
Input R eturn Loss
O utput R eturn Loss
MA4SW210
INSERTION LOSS vs FREQUENCY
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
0
5
10
15
20
25
30
FR EQU ENC Y (GH z)
MA4SW210
RETURN LOSS vs FREQUENCY
-35
-30
-25
-20
-15
-10
0
5
10
15
20
25
30
FR EQU ENC Y (GH z)
Input R eturn Loss
O utput R eturn Loss
MA4SW110
INSERTION LOSS vs FREQUENCY
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
0
5
10
15
20
25
30
FR EQU ENC Y (GH z)
MA4SW310
INSERTION LOSS vs FREQUENCY
-1.2
-1.1
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
0
5
10
15
20
25
30
FR EQU ENC Y (GH z)
S-Parameters:
Touchstone files containing S-Parameter data for these devices are available upon request.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com