Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

232002B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 232002B
Description  Typical 1dB bandwidth of 20.3 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

232002B Datasheet(HTML) 2 Page - Integrated Technology Future

  232002B Datasheet HTML 1Page - Integrated Technology Future 232002B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
75.0 MHz SAW Filter
Part Number
232002B
Tel: 82-32-621-1213
2013. 03. 27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
3. Typical Performance ( at +25℃
℃
℃
℃ )
1dB Bandwidth & Ripple
40dB Bandwidth
CH1 S21
LOG
1 dB/
REF -23.51 dB
START 62. 500 000 MHz
STOP 87. 500 000 MHz
Cor
CH2 S21
LOG
1 dB/
REF -23.88 dB
Cor
4 May 2012 23:17:28
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 20. 343110 MHz
cent :
74. 967912 MHz
Q: 3. 6852
1_loss : -23 . 637 dB
2
3
3: . 10200 dB
19. 600 000 MHz
REF=2
CH2 Markers
mean:-23 . 678 dB
s. dev : . 07980 dB
p-p : . 38220 dB
CH1 S21
LOG
10 dB/
REF -23.72 dB
CENTER 75. 000 000 MHz
SPAN 70. 000 000 MHz
Cor
4 May 2012 23:15:59
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 22. 419105 MHz
cent :
74. 959629 MHz
Q: 3. 3436
1_loss : -23 . 677 dB
3dB Bandwidth & Group Delay
20dB Bandwidth
CH1 S21
LOG
1 dB/
REF -23.51 dB
Cor
CH2 S21
DEL
50 ns/
REF 1.941 us
CENTER 75. 000 000 MHz
SPAN 25. 000 000 MHz
Cor
Smo
4 May 2012 23:17:47
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 20. 754468 MHz
cent :
74. 965602 MHz
Q: 3. 6120
1_loss : -23 . 637 dB
2
3
3: 1. 1353 ns
19. 600 000 MHz
REF=2
CH2 Markers
mean: 1. 9057 us
s. dev : 4. 1794 ns
p-p : 22. 400 ns
CH1 S21
LOG
10 dB/
REF -23.72 dB
CENTER 75. 000 000 MHz
SPAN 70. 000 000 MHz
Cor
4 May 2012 23:15:36
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 21. 885543 MHz
cent :
74. 955011 MHz
Q: 3. 4249
1_loss : -23 . 677 dB
Wide band Properties
SWR(S11 & S22)
CH1 S21
LOG
10 dB/
REF -25.15 dB
START
. 010 000 MHz
STOP 300. 000 000 MHz
4 May 2012 23:19:41
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-62 . 106 dB
75. 0000 MHz
3:-57 . 002 dB
150. 000 MHz
CH1 S11
SWR
10 /
REF 5.743
CENTER 75. 000 000 MHz
SPAN 70. 000 000 MHz
Cor
CH2 S22
SWR
10 /
REF 8.117
Cor
4 May 2012 23:18:53
1
1: 5. 7341
75. 000 000 MHz
2
2: 8. 0732
75. 000 000 MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com