Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3003E6 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXGD3003E6
Description  5A(peak) gate driver in SOT23-6
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3003E6 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXGD3003E6_15 Datasheet HTML 1Page - Diodes Incorporated ZXGD3003E6_15 Datasheet HTML 2Page - Diodes Incorporated ZXGD3003E6_15 Datasheet HTML 3Page - Diodes Incorporated ZXGD3003E6_15 Datasheet HTML 4Page - Diodes Incorporated ZXGD3003E6_15 Datasheet HTML 5Page - Diodes Incorporated ZXGD3003E6_15 Datasheet HTML 6Page - Diodes Incorporated ZXGD3003E6_15 Datasheet HTML 7Page - Diodes Incorporated ZXGD3003E6_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXGD3003E6
Issue 2 - October 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Applications
Power MOSFET and IGBT Gate Driving in
•
Synchronous switch-mode power supplies
•
Secondary side synchronous rectification
•
Plasma Display Panel power modules
•
1, 2 and 3-phase motor control circuits
•
Audio switching amplifier power output stages
Pin configuration
Pin description
Ordering information
Device marking
3003
Pin Name
Pin Function
VCC
Driver supply
IN1 / IN2
Driver input pins. These are normally connected together by circuit tracks.
GND
Ground
SOURCE
Source current output.
SINK
Sink current output.
Device
Reel size
(inches)
Tape width
(mm)
Quantity per
reel
ZXGD3003E6TA
7
8 embossed
3000
V
CC
IN
1
GND
SOT236
Top view
SOURCE
IN
2
SINK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com