Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAATSS0001 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAATSS0001
Description  Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATSS0001 Datasheet(HTML) 2 Page - Tyco Electronics

  MAATSS0001 Datasheet HTML 1Page - Tyco Electronics MAATSS0001 Datasheet HTML 2Page - Tyco Electronics MAATSS0001 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Attenuator, 5 Bit, 15.5 dB, 500 - 2500 MHz
MAATSS0001
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Truth Table
Control Inputs
VC5
VC4
VC3
VC2
VC1
Attenuation
(dB)
1
1
1
1
1
Reference
0
1
1
1
1
0.5 dB
1
0
1
1
1
1 dB
1
1
0
1
1
2 dB
1
1
1
0
1
4 dB
1
1
1
1
0
8 dB
1 = Vhigh = (Vs ± 0.1) V, 0 = (0.0 ± 0.2) V
Pin Out
QSOP-16 (SSOP-16)
Dimensions
Minimum
Nominal
Maximum
A
0.053
0.064
0.069
A1
0.004
0.006
0.010
b
0.008
—
0.012
c
0.007
—
0.010
D
0.189
0.193
0.197
e
0.025 basic
0.025 basic
0.025 basic
E
0.228
0.236
0.244
E1
0.150
0.154
0.157
L
0.016
0.025
0.050
0
—
0.025 basic
—
Measurement (Inches)
YYWWXXX
PIN 16
PIN 1
MACOM
XX-XXX
E1
E
D
A
b
e
A1
c
L
θ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com