Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3105N8 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXGD3105N8
Description  SYNCHRONOUS MOSFET CONTROLLER IN SO-8
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3105N8 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXGD3105N8_15 Datasheet HTML 3Page - Diodes Incorporated ZXGD3105N8_15 Datasheet HTML 4Page - Diodes Incorporated ZXGD3105N8_15 Datasheet HTML 5Page - Diodes Incorporated ZXGD3105N8_15 Datasheet HTML 6Page - Diodes Incorporated ZXGD3105N8_15 Datasheet HTML 7Page - Diodes Incorporated ZXGD3105N8_15 Datasheet HTML 8Page - Diodes Incorporated ZXGD3105N8_15 Datasheet HTML 9Page - Diodes Incorporated ZXGD3105N8_15 Datasheet HTML 10Page - Diodes Incorporated ZXGD3105N8_15 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ZXGD3105N8
Document Number DS35101 Rev. 3 - 2
7 of 14
www.diodes.com
March 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3105N8
Application Information
The purpose of the ZXGD3105 is to drive a MOSFET as a low-VF Schottky diode replacement in isolated AC/DC converter. When combined with
a low RDS(ON) MOSFET, the controller can yield significant power efficiency improvement, whilst maintaining design simplicity and incurring
minimal component count. Figure 1 shows the typical configuration of ZXGD3105 for synchronous rectification in a low output voltage Flyback
converter.
A typical circuit configuration of synchronous rectification with ZXGD3105 for use in resonant converter is shown in Figure 2. Two ZXGD3105
together with two synchronous MOSFETs should be used on the secondary side of the center tapped transformer winding.
Figure 1 Typical Flyback application schematic
Figure 2 Synchronous rectification in resonant converter
Threshold Voltage and Resistor Setting
The correct selection of external resistors RREF and RBIAS is important for optimum device operation. RREF and RBIAS supply fixed current into the
IREF and IBIAS pin of the controller. IREF and IBIAS combines to set the turn-off threshold voltage level, VT. In order to set VT to -10mV, the
recommended IREF and IBIAS are 1.02mA and 0.54mA respectively.
The values for RREF and RBIAS are selected based on the VCC voltage. If the VCC pin is connected to the power converter’s output, the resistors
should be selected based on the nominal converter’s output voltage. Table 1 provides the recommended resistor values for different Vcc voltages.
Supply, VCC
(V)
Bias Resistor, RBIAS
(kΩ)
Reference Resistor, RREF
(kΩ)
5
9.6
4.3
10
18
9.1
12
24
11
15
30
15
Table 1 Recommended resistor values for different VCC voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com