Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABAES0008 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABAES0008
Description  E-Series RF 1:4 Flux Coupled Stepup Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABAES0008 Datasheet(HTML) 2 Page - Tyco Electronics

  MABAES0008 Datasheet HTML 1Page - Tyco Electronics MABAES0008 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
V2.00
S 0180 H
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating Temperature
-20°C to +85°C
Storage Temperature
-20°C to +85°C
Functional Configuration
Insertion Loss
Amplitude Unbalance
Phase Unbalance
Function
Pin No.
Primary Dot
4
Primary
5
Primary CT
—
Secondary Dot
3
Secondary
1
Secondary CT
2
Case Ground
—
Not Connected
—
Typical Performance @ +25°C
-0.02
0.03
0.08
0.13
0.18
1
59
117
175
234
292
350
Frequency (MHz)
170.0
175.0
180.0
185.0
190.0
195.0
200.0
1.0 59.2 117.
3
175.
5
233.
6
291.
8
350.
0
Frequency (MHz)
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
1.0
59.2
117.3 175.5 233.6 291.8 350.0
Frequency (MHz)
MABAES0008



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com