Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJG1521PE1R1-R3 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJG1521PE1R1-R3
Description  TDMA ANTENNA SWITCH GaAs MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1521PE1R1-R3 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJG1521PE1R1-R3 Datasheet HTML 2Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 3Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 4Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 5Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 6Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 7Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 8Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 9Page - New Japan Radio NJG1521PE1R1-R3 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NJG1521PE1
- 6 -
nELECTRICAL CHARACTRISTICS 5 [1.5GHz RX Mode]
General Conditions:
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Frequency range 4
fin4
1477
-
1501
MHz
RX-ANT1 Insertion Loss
LOSS9
Pin=10dBm
-
0.75
0.85
dB
RX-ANT2 Insertion Loss
LOSS10 Pin=10dBm
-
0.65
0.75
dB
RX-EXT1 Insertion Loss
LOSS11 Pin=10dBm
-
1.00
1.15
dB
RX-EXT2 Insertion Loss
LOSS12 Pin=10dBm
-
0.95
1.10
dB
RX-ANT1 Isolation
ISL15
Pin=10dBm
RX-ANT2, RX-EXT1, RX-EXT2 passing
18
22
-
dB
RX-ANT2 Isolation
ISL16
Pin=10dBm
RX-ANT1, RX-EXT1, RX-EXT2 passing
20
24
-
dB
RX-EXT1 Isolation
ISL17
Pin=10dBm
RX-ANT1,RX-ANT2,RX-EXT2 Passing
23
28
-
dB
RX-EXT2 Isolation
ISL18
Pin=10dBm
RX-ANT1, RX-ANT2, RX-EXT1 passing
19
24
-
dB
Input Power at
1dB Compression 2
P-1dB(2)
RX-ANT1, RX-ANT2, RX-EXT1,
RX-EXT2 passing
20
26
-
dBm
VSWR 4
VSWR4
RX-ANT1, RX-ANT2, RX-EXT1,
RX-EXT2 passing
-
1.2
1.6
Switching Time 4
TD4
CTL1~3
-
120
500
nsec
Ta=25°C,VDD=3.5V,VSS=0V, fin=1501MHz
Tested on PCB circuit as shown below.
Insertion loss of each connectors, striplines, and capacitors are excluded.
TX, RX, ANT1, ANT2, EXT1, EXT2: terminated (50
Ω)
TER1: grounded by 5pF capacitor, TER2: grounded by 10pF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com