Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABAES0010 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABAES0010
Description  E-Series RF 1:4 Flux Coupled Step-up Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABAES0010 Datasheet(HTML) 1 Page - Tyco Electronics

  MABAES0010 Datasheet HTML 1Page - Tyco Electronics MABAES0010 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series RF 1:4 Transformer — 2.0 - 800 MHz
MABAES0010
www.macom.com
Specifications subject to change without notice.
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
V1.00
S 1516A
3 turns
Features
• Surface Mount
• 1:4 Impedance Ratio
• CT on Secondary
• Available on Tape & Reel
Description
M/A-COM’s MABAES0010 is a 1:4 RF flux coupled step-up
transformer in a low cost, surface mount package. Ideally suited for
high volume cellular and wireless applications. Typical applications
include single to balanced mode conversion and impedance
matching.
SM-119 Package
E-Series RF 1:4 Flux Coupled
Step-up Transformer
MABAES0010
Schematic
Note: Mean and Sigma calculated from average loss at @ 105 MHz.
Please Note that the photograph above indicates typical package only, not actual unit.
(3.30)
(1.397)
0.055
(4.83)
0.190
0.130
(0.762)
0.030
(0.1160)
2.95±0.2
0.3 (0.0120)
1.625
0.150
(3.8)
0.150
(3.8)
(1.65)
0.065
Electrical Specifications @25°C
Parameter
Units
Nominal
Maximum
Mean (x)
Sigma (
σ)
Frequency Range 2.0 - 800
MHz
—
—
—
—
Insertion Loss (fL - fU)
10 - 100 MHz
5.0 - 600 MHz
2.0 - 800 MHz
dB
dB
dB
—
—
—
2.0
2.2
3.0
—
1.21
—
—
0.032
—
Amplitude Unbalance
10 - 100 MHz
2.0 - 800 MHz
dB
dB
—
—
0.25
1.3
—
—
—
—
Phase Unbalance
10 - 500 MHz
2.0 - 800 MHz
Degrees
Degrees
—
—
3.0
10
—
—
—
—
Primary Dot 4
Primary 5
3 turns
3 Secondary Dot
3 turns
1 Secondary
2 Secondary CT
3 turns


Similar Part No. - MABAES0010

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABAES0010 MA-COM-MABAES0010 Datasheet
98Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
More results

Similar Description - MABAES0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC4-1 MACOM-ETC4-1 Datasheet
76Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
logo
M/A-COM Technology Solu...
ETC4-1 MA-COM-ETC4-1 Datasheet
104Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABA-007237-ETC410 MA-COM-MABA-007237-ETC410 Datasheet
64Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up Transformer 1 - 350 MHz
ETC4-1 MA-COM-ETC4-1_1 Datasheet
340Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up
ETC4-1-2TR MA-COM-ETC4-1-2TR Datasheet
302Kb / 4P
E-Series RF 1:4 Flux Coupled Step-up Transformer
DS-ETC4-1 MA-COM-DS-ETC4-1 Datasheet
340Kb / 2P
E-Series RF 1:4 Flux Coupled Step-up
DS-ETC4-1-2 MA-COM-DS-ETC4-1-2 Datasheet
302Kb / 4P
E-Series RF 1:4 Flux Coupled Step-up Transformer
MABA-011020-V1 MA-COM-MABA-011020-V1 Datasheet
770Kb / 4P
E-Series RF 1:4 Flux Coupled Step-up Transformer
MABA-007237-ETC410 MA-COM-MABA-007237-ETC410_15 Datasheet
184Kb / 4P
E-Series RF 1:4 Coupled Step-Up Transformer
MABA-011020 MA-COM-MABA-011020_15 Datasheet
770Kb / 4P
E-Series RF 1:4 Flux Coupled Step-up Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com