Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABAES0025 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABAES0025
Description  E-Series RF 1.5:1 Transformer 5 - 350 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABAES0025 Datasheet(HTML) 2 Page - Tyco Electronics

  MABAES0025 Datasheet HTML 1Page - Tyco Electronics MABAES0025 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S 1617 A
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V1.0
1
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
200 mA
Operating Temperature
-20°C to +85°C
Storage Temperature
-20°C to +85°C
Functional Configuration
Function
Pin No.
Primary Dot
1
Primary CT
2
Primary
3
Secondary
4
Secondary Dot
5
Secondary CT
—
Case Ground
—
Not Connected
—
Typical Performance @ +25°C
Primary to Secondary Insertion Loss
-2.00
-1.60
-1.20
-0.80
-0.40
0.00
5.00
74.00
143.00
212.00
281.00
350.00
Frequency (MHz)
Primary to Secondary Dot Insertion Loss
-2.00
-1.60
-1.20
-0.80
-0.40
0.00
5.00
74.00
143.00
212.00
281.00
350.00
Frequency (MHz)
Amplitude Imbalance
0.00
0.24
0.48
0.72
0.96
1.20
5.00
74.00
143.00
212.00
281.00
350.00
Frequency (MHz)
Phase Imbalance
170.00
180.00
190.00
200.00
5.00
74.00
143.00
212.00
281.00
350.00
Frequency (MHz)
MABAES0025



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com