Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 21 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 21 Page - Linear Technology

Back Button LTP5901-IPR_15 Datasheet HTML 17Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 18Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 19Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 20Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 21Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 22Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 23Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 24Page - Linear Technology LTP5901-IPR_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTP5901-IPR/LTP5902-IPR
21
59012iprf
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
pin FuncTions
VSUPPLY: System and I/O Power Supply. Provides power
to the module. The digital-interface I/O voltages are also
set by this voltage.
ANTENNA: Multiplexed Receiver Input and Transmitter
OutputPin.TheimpedancepresentedtotheMMCXconnec-
tor should be 50Ω, single-ended with respect to ground.
RESETn:Theasynchronousresetsignalisinternallypulled
up. Resetting Eterna will result in the ARM Cortex-M3
rebooting and loss of network connectivity. Use of this
signal for resetting Eterna is not recommended, except
during power-on and in-circuit programming.
RADIO_INHIBIT: RADIO_INHIBIT provides a mechanism
foranexternaldevicetotemporarilydisable radiooperation.
Failure to observe the timing requirements defined in the
RADIO_INHIBIT AC Characteristics section, may result
in unreliable netowrk operation. In designs where the
RADIO_INHIBIT function is not needed the input must
either be tied, pulled or actively driven low to avoid excess
leakage.
TMS, TCK, TDI, TDO: JTAG port supporting software
debug and boundary scan.
SLEEPn: The SLEEPn function is not currently supported
in software. The SLEEPn input must either be tied, pulled
or actively driven high to avoid excess leakage.
UART_RX,UART_RX_RTSn,UART_RX_CTSn,UART_TX,
UART_TX_RTSn,UART_TX_CTSn:TheAPIUARTinterface
includes bi-directional wake up and flow control. Unused
inputsignalsmustbedrivenorpulledtotheirinactivestate.
TIMEn:StrobingtheTIMEninputisthemostaccuratemeth-
odtoacquirethenetworktimemaintainedbyEterna. Eterna
latches the network timestamp with sub-microsecond
resolution on the rising edge of the TIMEn signal and
produces a packet on the API serial port containing the
timing information.
UARTC0_RX, UARTC0_TX, UARTC1_RX, UARTC1_TX:
The CLI UART provides a mechanism for monitoring,
configuration and control of Eterna during operation. On
the LTP5901/2-IPR CLI UART 0 is used when Eterna is not
configured to support external RAM and CLI UART 1 is
used when Eterna is configured to support external RAM.
For a complete description of the supported commands
see the SmartMesh IP Manager CLI Guide.
EB_DATA_0 through EB_DATA_7, EB_ADDR_0, EB_
ADDR_1, EB_IO_LE1 through EB_IO_LE2, EB_IO_CS0n,
EB_IO_WEn, EB_IO_ENn: The external bus provides a
multiplexed address data bus enabling the Cortex-M3
direct access of external byte wide RAM. The additional
RAM is used by network management software enabling
thesupportofalargernetworkofmoteswithhigherpacket
throughput. To support the addressing needed, each
latch signal, EB_IO_LE0, EB_IO_LE1, and EB_IO_LE2 will
strobe to latch 8-bits of address from the EB_DATA[7:0]
bus.EB_IO_LE0,EB_IO_LE1,andEB_IO_LE2correspond
to addres bits [9:2], [17:10] and [25:18] respectively.
EB_ADDR_0 and EB_ADDR_1 correspond to the lower
two bits of address. For systems with 256k bytes or less
EB_IO_LE2canbeignored.EB_IO_CS0n,EB_IO_WEnand
EB_IO_OEn provide chip select, write enable and output
enable control of the external RAM.
FLASH_P_ENn, IPCS_SSn, IPCS_SCK, IPCS_MISO,
IPCS_SSn: The In-circuit programming control system
(IPCS)busenablesin-circuitprogrammingofEterna’sflash
memory. IPCS_SCK is a clock and should be terminated
appropriately for the driving source to prevent overshoot
and ringing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com