Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902-IPM Datasheet(PDF) 13 Page - Linear Technology

Part # LTP5902-IPM
Description  SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902-IPM Datasheet(HTML) 13 Page - Linear Technology

Back Button LTP5902-IPM_15 Datasheet HTML 9Page - Linear Technology LTP5902-IPM_15 Datasheet HTML 10Page - Linear Technology LTP5902-IPM_15 Datasheet HTML 11Page - Linear Technology LTP5902-IPM_15 Datasheet HTML 12Page - Linear Technology LTP5902-IPM_15 Datasheet HTML 13Page - Linear Technology LTP5902-IPM_15 Datasheet HTML 14Page - Linear Technology LTP5902-IPM_15 Datasheet HTML 15Page - Linear Technology LTP5902-IPM_15 Datasheet HTML 16Page - Linear Technology LTP5902-IPM_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTP5901-IPM/LTP5902-IPM
13
59012ipmf
For more information www.linear.com/LTP5901-IPM or www.linear.com/LTP5902-IPM
Network motes typically route through at least two parents
the traffic destined for the manager. The supply current
graphs shown in Figure 5 include a parameter called de-
scendants. In these graphs the term descendants is short
for traffic-weighted descendants and refers to an amount
of activity equivalent to the number of descendants if all
of the network traffic directed to the mote in question.
Generally the number of descendants of a parent is more,
typically 2x or more, than the number of traffic-weighted
descendants. For example, with reference to Figure 6.
Network Graph mote P1 has 0.75 traffic-weighted de-
scendants. To obtain this value notice that mote D1 routes
half its packets through mote P1 adding 0.5 to the traffic-
weighted descendant value; the other half of D1’s traffic is
routed through its other parent, P2. Mote D2 routes half
its packets through mote D1 (the other half going through
parent P3), which we know routes half its packets to mote
P1,addinganother0.25tothetraffic-weighteddescendant
value for a total traffic-weighted descendant value of 0.75.
As described in the Application Time Synchronization
section, Eterna provides two mechanisms for applications
to maintain a time base across a network. The synchro-
nization performance plots that follow were generated
using the more precise TIMEn input. Publishing rate is
the rate a mote application sends upstream data. Syn-
chronization improves as the publishing rate increases.
Baseline synchronization performance is provided for a
network operating with a publishing rate of zero. Actual
performance for applications in network will improve
as publishing rates increase. All synchronization testing
was performed with the 1-hop mote inside a temperature
chamber. Timing errors due to temperature changes and
temperature differences both between the manager and
this mote and between this mote and its descendents
therefore propagated down through the network. The syn-
chronization of the 3-hop and 5-hop motes to the manager
was then affected by the temperature ramps even though
they were at room temperature. For 2°C/minute testing
the temperature chamber was cycled between –40°C and
85°C at this rate for 24 hours. For 8°C/minute testing, the
temperaturechamberwasrapidlycycledbetween85°Cand
45°C for 8 hours, followed by rapid cycling between –5°C
and 45°C for 8 hours, and lastly, rapid cycling between
–40°C and 15°C for 8 hours.
Figure 6. Example Network Graph
REPORTING INTERVAL (sec)
0
0
1.0
1.5
2.0
4.0
58012ipm F05b
0.5
3.0
3.5
2.5
30
10
20
5 HOPS
4 HOPS
3 HOPS
2 HOPS
1 HOP
REPORTING INTERVAL (sec)
0
0
100
58012ipm F05c
200
30
10
20
5 DESCENDANTS
2 DESCENDANTS
1 DESCENDANTS
0 DESCENDANTS
Figure 5
TEMPERATURE (°C)
–60
0
20
60
80
100
120
140
58012ipm F05a
40
–10
40
90
2 DESCENDANTS 5sec REPORTING
5 DESCENDANTS 30sec REPORTING
2 DESCENDANTS 30sec REPORTING
0 DESCENDANTS 5sec REPORTING
0 DESCENDANTS 30sec REPORTING
MANAGER
1 HOP
2 HOP
3 HOP
58012ipm F06
P1
P2
P3
D1
D2
Typical perForMance characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com