Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902-WHM Datasheet(PDF) 13 Page - Linear Technology

Part # LTP5902-WHM
Description  SmartMesh WirelessHART Node Wireless Mote Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902-WHM Datasheet(HTML) 13 Page - Linear Technology

Back Button LTP5902-WHM_15 Datasheet HTML 9Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 10Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 11Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 12Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 13Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 14Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 15Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 16Page - Linear Technology LTP5902-WHM_15 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTP5901-WHM/LTP5902-WHM
13
59012whmf
For more information www.linear.com/LTP5901-WHM or www.linear.com/LTP5902-WHM
Typical perForMance cHaracTerisTics
Network motes typically route through at least two par-
ents the traffic destined for the manager. The supply
current graphs shown below include a parameter called
traffic-weighted descendants. In these graphs the term
traffic-weighted descendants refers to an amount of
activity equivalent to the number of descendants if all of
the network traffic was directed to the mote in question.
Generally the number of descendants of a parent is more,
typically 2x or more, than the number of traffic-weighted
descendants. For example, with reference to Figure 6 mote
P1 has 0.75 traffic-weighted descendants. To obtain this
value notice that mote D1 routes half its packets through
mote P1 adding 0.5 to the traffic-weighted descendant
value; the other half of D1’s traffic is routed through its
other parent, P2. Mote D2 routes half its packets through
mote D1 (the other half going through parent P3), which
we know routes half its packets to mote P1, adding another
0.25 to the traffic-weighted descendant value for a total
traffic-weighted descendant value of 0.75.
As described in the Application Time Synchronization
section, Eterna provides two mechanisms for applications
to maintain a time base across a network. The synchro-
nization performance plots that follow were generated
using the more precise TIMEn input. Publishing rate is
the rate a mote application sends upstream data. Syn-
chronization improves as the publishing rate increases.
Baseline synchronization performance is provided for a
network operating with a publishing rate of zero. Actual
performance for applications in network will improve
as publishing rates increase. All synchronization testing
1-HOP
2-HOP
3-HOP
59012 F06
P1
P2
P3
D1
D2
MANAGER
Figure 6. Example Network Graph
TEMPERATURE (°C)
–40
0
100
80
60
40
20
120
40
60
80
–20
0
59012 F06a
20
0 TWD 30s REPORTING
0 TWD 5s REPORTING
2 TWD 30s REPORTING
2 TWD 5s REPORTING
5 TWD 30s REPORTING
TWD=TRAFFIC-WEIGHTED DESCENDANTS
was performed with the 1-hop mote inside a temperature
chamber. Timing errors due to temperature changes and
temperature differences both between the manager and
this mote and between this mote and its descendents
therefore propagated down through the network. The syn-
chronization of the 3-hop and 5-hop motes to the manager
was then affected by the temperature ramps even though
they were at room temperature. For 2°C/minute testing
the temperature chamber was cycled between –40°C and
85°C at this rate for 24 hours. For 8°C/minute testing, the
temperaturechamberwasrapidlycycledbetween85°Cand
45°C for 8 hours, followed by rapid cycling between –5°C
and 45°C for 8 hours, and lastly, rapid cycling between
–40°C and 15°C for 8 hours.
REPORTING INTERVAL (s)
0
0
9
8
7
6
5
4
2
1
3
10
20
25
30
5
10
59012 F06b
15
1 HOPS
2 HOPS
3 HOPS
4 HOPS
5 HOPS
REPORTING INTERVAL (s)
0
0
200
150
100
50
250
20
25
30
5
10
59012 F06c
15
0 TWD
1 TWD
2 TWD
5 TWD
TWD=TRAFFIC WEIGHTED
DESCENDANTS
Supply Current vs Temperature
Packet Latency vs Reporting Interval
Supply Current vs Reporting Interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com