Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MACPES0018 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MACPES0018
Description  E-Series 75 Ohm 16dB Coupler 5 - 1200 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MACPES0018 Datasheet(HTML) 2 Page - Tyco Electronics

  MACPES0018 Datasheet HTML 1Page - Tyco Electronics MACPES0018 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
0.00
200.00
400.00
600.00
800.00
1000.00
1200.00
Frequency (MHz)
coupling return loss
Typical Performance @ 25
°C
Functional Characteristics
Parameter
Absolute Maximum
RF Power
DC Current
Pin Temperature (10 sec)
Operating/Storage Temperature
250 mW
30 mA
260 C
-20°C to +85°C
Operating Characteristics
Function
Pin No.
Input
Output
Coupled
Ground
Not Connected
External 75 Ohms
1
6
3
2
5
4
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
0.00
200.00
400.00
600.00
800.00
1000.00
1200.00
Frequency (MHz)
output return loss
-18.00
-17.50
-17.00
-16.50
-16.00
-15.50
-15.00
0.00
200.00
400.00
600.00
800.00
1000.00
1200.00
Frequency (MHz)
coupling
-1.00
-0.90
-0.80
-0.70
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.00
200.00
400.00
600.00
800.00
1000.00
1200.00
Frequency (MHz)
mainline loss
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
0.00
200.00
400.00
600.00
800.00
1000.00
1200.00
Frequency (MHz)
input return loss
-50.00
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
0.00
200.00
400.00
600.00
800.00
1000.00
1200.00
Frequency (MHz)
directivity



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com