Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KN2222AS Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KN2222AS
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KN2222AS Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KN2222AS Datasheet HTML 1Page - KEC(Korea Electronics) KN2222AS Datasheet HTML 2Page - KEC(Korea Electronics) KN2222AS Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2010. 8. 24
2/3
Revision No : 3
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
KN2222S/AS
* Pulse Test : Pulse Width
≦300μS, Duty Cycle≦2%.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
KN2222AS
ICEX
VCE=60V, VEB(OFF)=3V
-
-
10
nA
Collector Cut-off Current
KN2222S
ICBO
VCB=50V, IE=0
-
-
10
nA
KN2222AS
VCB=60V, IE=0
-
-
10
Emitter Cut-off Current
KN2222AS/S
IEBO
VEB=3V, IC=0
-
-
10
nA
Collector-Base
Breakdown Voltage
KN2222S
V(BR)CBO
IC=10μ
A, IE=0
60
-
-
V
KN2222AS
75
-
-
Collector-Emitter
*
Breakdown Voltage
KN2222S
V(BR)CEO
IE=10mA, IB=0
30
-
-
V
KN2222AS
40
-
-
Emitter-Base
Breakdown Voltage
KN2222S
V(BR)EBO
IE=10μ
A, IC=0
5
-
-
V
KN2222AS
6
-
-
DC Current Gain
*
KN2222S
KN2222AS
hFE(1)
IC=0.1mA, VCE=10V
35
-
-
hFE(2)
IC=1mA, VCE=10V
50
-
-
hFE(3)
VCE=10mA, VCE=10V
75
-
-
hFE(4)
IC=150mA, VCE=10V
100
-
300
KN2222S
hFE(5)
IC=500mA, VCE=10V
30
-
-
KN2222AS
40
-
-
Collector-Emitter
*
Saturation Voltage
KN2222S
VCE(sat)1
IC=150mA, IB=15mA
-
-
0.4
V
KN2222AS
-
-
0.3
KN2222S
VCE(sat)2
IC=500mA, IB=50mA
-
-
1.6
KN2222AS
-
-
1.0
Base-Emitter
*
Saturation Voltage
KN2222S
VBE(sat)1
IC=150mA, IB=15mA
-
-
1.3
V
KN2222AS
0.6
-
1.2
KN2222S
VBE(sat)2
IC=500mA, IB=50mA
-
-
2.6
KN2222AS
-
-
2.0
Transition Frequency
KN2222S
fT
IC=20mA, VCE=20V,
f=100MHz
250
-
-
MHz
KN2222AS
300
-
-
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1.0MHz
-
-
8
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com