Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KN2907AS Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KN2907AS
Description  EPITAXIAL PLANAR PNP TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KN2907AS Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KN2907AS Datasheet HTML 1Page - KEC(Korea Electronics) KN2907AS Datasheet HTML 2Page - KEC(Korea Electronics) KN2907AS Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 6. 25
2/3
Revision No : 3
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
KN2907S/AS
* Pulse Test : Pulse Width
≦300μS, Duty Cycle≦2%.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICEX
VCE=-30V, VEB=-0.5V
-
-
-50
nA
Collector Cut-off
Current
KN2907S
ICBO
VCB=-50V, IE=0
-
-
-20
nA
KN2907AS
-
-
-10
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-10μ
A, IE=0
-60
-
-
V
Collector-Emitter *
Breakdown Voltage
KN2907S
V(BR)CEO
IC=-10mA, IB=0
-40
-
-
V
KN2907AS
-60
-
-
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10μ
A, IC=0
-5
-
-
V
DC Current
Gain
KN2907S
hFE(1)
IC=-0.1mA, VCE=-10V
35
-
-
KN2907AS
75
-
-
KN2907S
hFE(2)
IC=-1.0mA, VCE=-10V
50
-
-
KN2907AS
100
-
-
KN2907S
hFE(3)
IC=-10mA, VCE=-10V
75
-
-
KN2907AS
100
-
-
KN2907S
hFE(4) *
IC=-150mA, VCE=-10V
100
-
300
KN2907AS
KN2907S
hFE(5) *
IC=-500mA, VCE=-10V
30
-
-
KN2907AS
50
-
-
Collector-Emitter Saturation Voltage
*
VCE(sat)1
IC=-150mA, IB=-15mA
-
-
-0.4
V
VCE(sat)2
IC=-500mA, IB=-50mA
-
-
-1.6
Base-Emitter Saturation Voltage
*
VBE(sat)1
IC=-150mA, IB=-15mA
-
-
-1.3
V
VBE(sat)2
IC=-500mA, IB=-50mA
-
-
-2.6
Transition Frequency
fT
VCE=-20V, IC=-50mA,
f=100MHz
200
-
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
-
8
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com