Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-10-15 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-10-15
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-10-15 Datasheet(HTML) 1 Page - CUI INC

  VOF-10-15 Datasheet HTML 1Page - CUI INC VOF-10-15 Datasheet HTML 2Page - CUI INC VOF-10-15 Datasheet HTML 3Page - CUI INC VOF-10-15 Datasheet HTML 4Page - CUI INC VOF-10-15 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
08/21/2012
page
1 of 5
SERIES:
VOF-10 │ DESCRIPTION: AC-DC POWER SUPPLY
PART NUMBER KEY
VOF-10 - XX
Base Number
Output Voltage
FEATURES
• up to 10 W continuous power
• compact size
• universal input (85~264 Vac / 120~375 Vdc)
• single output from 3.3~48 V
• no minimum load required
• 3000 V isolation
• over current, over voltage, and short circuit protections
• UL/cUL and TUV 60950-1 safety approvals
• no load power consumption < 0.5 W
• efficiency up to 78%
RoHS
MODEL
output
voltage
output
current
output
power
ripple1
and noise
efficiency
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VOF-10-3.3
3.3
2.4
8
100
70
VOF-10-5
5
2.0
10
100
75
VOF-10-9
9
1.11
10
120
75
VOF-10-12
12
0.83
10
120
75
VOF-10-15
15
0.67
10
150
75
VOF-10-24
24
0.42
10
240
78
VOF-10-48
48
0.21
10
480
78
Notes:
1. Ripple & noise are measured at 20 MHz BW with 47 μF ceramic and 100 nF electrolytic capacitors on the output
For more information, please visit the product page.


Similar Part No. - VOF-10-15

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-10-15 CUI-VOF-10-15 Datasheet
160Kb / 4P
SWITCHING POWER SUPPLY
VOF-10-15 CUI-VOF-10-15 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-10-15 CUI-VOF-10-15 Datasheet
449Kb / 5P
AC-DC POWER SUPPLY
12/29/2015
More results

Similar Description - VOF-10-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com