Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-10-48 Datasheet(PDF) 2 Page - CUI INC

Part # VOF-10-48
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-10-48 Datasheet(HTML) 2 Page - CUI INC

  VOF-10-48 Datasheet HTML 1Page - CUI INC VOF-10-48 Datasheet HTML 2Page - CUI INC VOF-10-48 Datasheet HTML 3Page - CUI INC VOF-10-48 Datasheet HTML 4Page - CUI INC VOF-10-48 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VOF-10 │ DESCRIPTION: AC-DC POWER SUPPLY
date
08/21/2012 │ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
120
264
375
Vac
Vdc
frequency
47
63
Hz
input current
0.6
A
inrush current
110 Vac, full load, cold start
220 Vac, full load, cold start
15
30
A
A
input fuse
built-in, non-user serviceable
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
3.3 V model
all other models
±0.6
±0.5
%
%
load regulation
3.3 V model
all other models
±1.2
±1
%
%
temperature coefficient
±0.05
%/°C
hold-up time
115 Vac at full load
16
ms
adjustability
adjustable with built-in trim pot
-5
5
%
switching frequency
100
kHz
no load power consumption
all other models
48 V model
0.5
0.7
W
W
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
clamped by TVS
over current protection
automatically recovers
105
%
short circuit protection
protected, long term short circuit may reduce
reliability
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
at 10 mA for 1 minute
3,000
Vac
isolation resistance
input to output at 500 Vdc at 25°C
50
MΩ
safety approvals
TUV EN 60950, UL/cUL 60950-1
EMI/EMC
FCC class B, EN 55022 class B, CE
leakage current
0.25
mA
RoHS compliant
yes
MTBF
according to MIL-HDBK-217F
250,000
hours
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
0
60
°C
storage temperature
-20
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
non-condensing
20
90
%
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com