Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMDES0002 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAMDES0002
Description  E-Series I/Q Demodulator 851-869 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMDES0002 Datasheet(HTML) 1 Page - Tyco Electronics

  MAMDES0002 Datasheet HTML 1Page - Tyco Electronics MAMDES0002 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
S 1576 A
Features
• Excellent Phase and Amplitude Balance
• LO Power +10 dBm Typical
• Surface Mount
Description
M/A-COM’s MAMDES0002 is a passive, surface mount I/Q
Demodulator. Ideally suited for Direct Demodulation in PMR/
TETRA applications.
E-Series I/Q Demodulator
851-869 MHz
Parameter
Units
Typical
Minimum
Maximum
Frequency Range
LO / RF
851-869
I/Q
DC - 10
MHz
MHz
—
—
—
—
—
—
Amplitude Unbalance
dB
0.2
—
0.3
Phase Unbalance
Degrees
2.0
—
3.0
Isolation
LO to RF
LO to I/Q
dB
dB
55
30
20
20
—
—
Conversion Loss
dB
6.4
—
8.0
(LO) Carrier Power
dBm
+10
± 1
—
—
Electrical Specifications @25°C
SM-92 Package
Q= -90° for RF>LO
MAMDES0002


Similar Part No. - MAMDES0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMDES0001 MACOM-MAMDES0001 Datasheet
155Kb / 2P
E-Series I/Q Modulator 851 - 869 MHz
logo
M/A-COM Technology Solu...
MAMDES0001 MA-COM-MAMDES0001 Datasheet
190Kb / 2P
E-Series I/Q Modulator 851-869 MHz
logo
Tyco Electronics
MAMDES0003 MACOM-MAMDES0003 Datasheet
130Kb / 2P
E-Series I/Q Modulator 1805 - 1880 MHz
More results

Similar Description - MAMDES0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EKIN2-155WD MACOM-EKIN2-155WD Datasheet
222Kb / 2P
E-Series I/Q Demodulator 135 - 176 MHz
EKIN2-220D MACOM-EKIN2-220D Datasheet
218Kb / 2P
E-Series I/Q Demodulator 215 - 225 MHz
EKIN2-390DX1 MACOM-EKIN2-390DX1 Datasheet
220Kb / 2P
E-Series I/Q Demodulator 380 - 400 MHz
EKIN2-420DX MACOM-EKIN2-420DX Datasheet
244Kb / 2P
E-Series I/Q Demodulator 410 - 430 MHz
EKIN2-70D MACOM-EKIN2-70D Datasheet
223Kb / 2P
E-Series I/Q Demodulator 70 MHz
EKIN2-70D MACOM-EKIN2-70D_1 Datasheet
62Kb / 2P
E-Series I/Q Demodulator 70 MHz
MAMDES0001 MACOM-MAMDES0001 Datasheet
155Kb / 2P
E-Series I/Q Modulator 851 - 869 MHz
logo
Mini-Circuits
JCIQ-176D+ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
I&Q Demodulator
logo
M/A-COM Technology Solu...
MAMDES0001 MA-COM-MAMDES0001 Datasheet
190Kb / 2P
E-Series I/Q Modulator 851-869 MHz
logo
Mini-Circuits
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
I&Q Demodulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com