Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6208 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6208
Description  The RT6208 is a high-efficiency
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6208 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6208 Datasheet HTML 1Page - Richtek Technology Corporation RT6208 Datasheet HTML 2Page - Richtek Technology Corporation RT6208 Datasheet HTML 3Page - Richtek Technology Corporation RT6208 Datasheet HTML 4Page - Richtek Technology Corporation RT6208 Datasheet HTML 5Page - Richtek Technology Corporation RT6208 Datasheet HTML 6Page - Richtek Technology Corporation RT6208 Datasheet HTML 7Page - Richtek Technology Corporation RT6208 Datasheet HTML 8Page - Richtek Technology Corporation RT6208 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RT6208
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6208-00
May
2015
2
Pin Configurations
(TOP VIEW)
SW
VIN
NC
ISET
GND
PGOOD
EN
FB
GND
2
3
4
5
6
7
8
9
FB GND EN
SW VIN ISET
4
2
3
5
6
5
3
4
6
8
2
7
SOP-8 (Exposed Pad)
SOT-23-6
SOT-23-8
Functional Pin Description
Pin No
Pin Name
Pin Function
SOP-8
(Exposed Pad)
SOT-23-6 SOT-23-8
1
6
4
SW
Switch Node. Connect The Switching Node To External
Inductor.
2
5
3
VIN
Input Supply Voltage. Must bypass with a suitably large
ceramic capacitor.
3
--
--
NC
No Internal Connection.
4
4
1
ISET
High-Side Peak Current Set Pin. A resistor from this pin to
GND sets the high-side peak current limit. Leave floating
for the maximum peak current, 225mA. Short this pin to
GND for the minimum peak current, 50mA. A 1
A current
is sourced out of this pin.
5
3
8
EN
Enable Control Input. A voltage on this pin above 1.25V
enables the converter into normal mode; forcing this pin
below 0.3V shuts down the IC, reducing quiescent current
to 3
A.
An internal 2
A current pulls up enable pin for automatic
startup.
6
1
7
FB
Feedback Voltage Input. This pin receives the feedback
voltage from a resistive divider connected across the
output.
7
--
6
PGOOD
Power Good Open Drain Output. Asserts low if output
voltage is low due to OTP, UVP, UVLO, EN shutdown or
during soft-start.
8,
9 (Exposed Pad)
2
2
GND
Power Ground. The exposed pad must be soldered to a
large PCB and connected to GND for maximum power
dissipation.
--
--
5
AGND
Analog Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com