Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX415 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX415
Description  The ASX415, a power amplifier MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX415 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX415 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX415 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
May 2012
ASX415
250-4000 MHz MMIC Amplifier
4
Parameters
Units
Typical
Frequency
MHz
900
2000
2000
2000
2600
Gain
dB
20
14.5
14.3
14
11.5
S11
dB
-14
-7
-7
-7
-7
S22
dB
-13
-11
-11
-11
-10
Output IP3
1)
dBm
42.5
46
42
40
37
Noise Figure
dB
4.2
5.6
4.6
4.1
4.2
Output P1dB
dBm
29
29
27
26.5
29
Current
mA
155
185
155
123
155
Device Voltage
V
5
5.3
5
4.75
5
1) OIP3 is measured with two tones at an output power of +8 dBm/tone @ 5.3V & +6 dBm/tone @ 5V & +4 dBm/tone @ 4.75V
separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
13.5
14.3
S11
dB
-9
S22
dB
-11
Output IP3
dBm
40
42
Noise Figure
dB
4.6
Output P1dB
dBm
26.5
27
Current
mA
140
155
170
Device Voltage
V
5
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (Continuous)
22 dBm
Features
Description
Typical Performance
Absolute Maximum Ratings
·14 dB Gain at 2000 MHz
·27 dBm P1dB at 2000 MHz
·42 dBm OIP3 at 2000 MHz
·ACLR @ WCDMA 4FA : -51 dBc
@ Pout =13 dBm, +/- 5MHz offset
·MTTF > 100 Years
·Single Supply
The ASX415, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 4 GHz. The amplifier is available in an
SOT-89 package and passes through the stringent
DC, RF, and reliability tests.
Application Circuit
·433 ~ 444MHz
·CDMA
·Satellite Phone
·WCDMA
·WiMAX
·LTE ( 2300 ~ 2700MHz)
Product Specifications
ASX415
Package Style: SOT-89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias


Similar Part No. - ASX415

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX415 ASB-ASX415 Datasheet
1Mb / 18P
250 ~ 4000 MHz MMIC Amplifier
February 2017
ASX415 ASB-ASX415_17 Datasheet
1Mb / 18P
250 ~ 4000 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX415

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5027VJ EUDYNA-FMM5027VJ Datasheet
114Kb / 4P
MMIC Power Amplifier
FMM5049VT EUDYNA-FMM5049VT Datasheet
173Kb / 4P
Power Amplifier MMIC
FMM5052ZE EUDYNA-FMM5052ZE Datasheet
272Kb / 4P
MMIC Power Amplifier
logo
Toshiba Semiconductor
TMD1414-2C TOSHIBA-TMD1414-2C Datasheet
43Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
TMD0305-2 TOSHIBA-TMD0305-2 Datasheet
73Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
TMD0507-2A TOSHIBA-TMD0507-2A Datasheet
100Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
TMD1013-1-431 TOSHIBA-TMD1013-1-431 Datasheet
44Kb / 2P
MICROWAVE POWER MMIC AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
GaAs MMIC Power Amplifier
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
GaAs MMIC Power Amplifier
logo
Analog Devices
HMC1126 AD-HMC1126 Datasheet
332Kb / 16P
MMIC, Power Amplifier
Dec-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com