Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMDES0010 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAMDES0010
Description  E-Series I/Q Modulator 1930 - 1990 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMDES0010 Datasheet(HTML) 1 Page - Tyco Electronics

  MAMDES0010 Datasheet HTML 1Page - Tyco Electronics MAMDES0010 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
S 1583 A
Features
• High 3I and 5I Suppression
• Surface Mount
Description
M/A-COM’s MAMDES0010 is a discrete surface mount I/Q
Modulator.
E-Series I/Q Modulator
1930 - 1990 MHz
MAMDES0010
Parameter
Units
Typical
Minimum
Maximum
Frequency Range
(LO) Carrier
1930– 1990
I/Q
DC - 270
MHz
KHz
—
—
—
—
—
—
LO Carrier Suppression *
dBc
25
10
—
SSB Rejection *
dBc
23
18
—
Harmonic Suppression *
3 x I/Q
5 x I/Q
dBc
dBc
45
55
35
45
—
—
Conversion Loss
dB
9.5
—
10.5
(LO) Carrier Power
dBm
+10
± 1
—
—
I/Q Drive Level
dBm
-10.0
—
—
(LO) Port Return Loss
dBm
—
15
—
Electrical Specifications @25°C
SM-28 Package
Note: Non Hermetic Package
•
Additional specifications: Tested under maximum adjustable rating DC offset = ±20mV, Q Power lever: ±0.5dB


Similar Part No. - MAMDES0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMDES0011 MACOM-MAMDES0011 Datasheet
85Kb / 2P
E-Series I/Q Modulator 105 - 115 MHz
More results

Similar Description - MAMDES0010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EKIN2-150H MACOM-EKIN2-150H Datasheet
130Kb / 2P
E-Series I/Q Modulator 149.95 MHz
EKIN2-220 MACOM-EKIN2-220 Datasheet
211Kb / 2P
E-Series I/Q Modulator 215 - 225 MHz
EKIN2-390X-2 MACOM-EKIN2-390X-2 Datasheet
223Kb / 2P
E-Series I/Q Modulator 380 - 400 MHz
EKIN2-70 MACOM-EKIN2-70 Datasheet
239Kb / 2P
E-Series I/Q Modulator 70 MHz
EKIN2-960 MACOM-EKIN2-960 Datasheet
218Kb / 2P
E-Series I/Q Modulator 925 - 960 MHz
EMRS-6X8 MACOM-EMRS-6X8 Datasheet
142Kb / 2P
E-Series Surface Mount Mixer 1930 - 1990 MHz
logo
M/A-COM Technology Solu...
EKIN2-390X-2 MA-COM-EKIN2-390X-2 Datasheet
190Kb / 2P
E-Series I/Q Modulator 380 - 400 MHz
MAMO-008665-ES0018 MA-COM-MAMO-008665-ES0018 Datasheet
129Kb / 2P
E-Series I/Q Modulator E-Series I/Q Modulator
MAMO-008774-ES0019 MA-COM-MAMO-008774-ES0019 Datasheet
128Kb / 2P
E-Series I/Q Modulator 150 MHz
MAMO-007252-IN2960 MA-COM-MAMO-007252-IN2960 Datasheet
61Kb / 2P
E-Series I/Q Modulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com