Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7296C Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT7296C
Description  The RT7296C is a high-efficiency
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7296C Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT7296C Datasheet HTML 1Page - Richtek Technology Corporation RT7296C Datasheet HTML 2Page - Richtek Technology Corporation RT7296C Datasheet HTML 3Page - Richtek Technology Corporation RT7296C Datasheet HTML 4Page - Richtek Technology Corporation RT7296C Datasheet HTML 5Page - Richtek Technology Corporation RT7296C Datasheet HTML 6Page - Richtek Technology Corporation RT7296C Datasheet HTML 7Page - Richtek Technology Corporation RT7296C Datasheet HTML 8Page - Richtek Technology Corporation RT7296C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT7296C
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS7296C-00
May
2015
www.richtek.com
3
Function Block Diagram
+
-
UV
Comparator
Oscillator
0.4V
Internal
Regulator
Shutdown
Comparator
BOOT
GND
SW
FB
EN/SYNC
HS Switch
Current
Comparator
+
-
EA
0.807V
Power
Stage &
Deadtime
Control
+
-
1.4V
+
Slope
Compensation
LS Switch
Current
Comparator
UVLO
Logic &
Protection
Control
BOOT
UVLO
Current
Sense
Current
Sense
PVCC
SS
50pF
1pF
400k
11µA
VIN
Operation
Under Voltage Lockout Threshold
The IC includes an input Under Voltage Lockout
Protection (UVLO). If the input voltage exceeds the
UVLO rising threshold voltage (3.9V), the converter
resets and prepares the PWM for operation. If the input
voltage falls below the UVLO falling threshold voltage
(3.25V) during normal operation, the device stops
switching. The UVLO rising and falling threshold
voltage includes a hysteresis to prevent noise caused
reset.
Chip Enable
The EN pin is the chip enable input. Pulling the EN pin
low (<1.1V) will shutdown the device. During shutdown
mode, the RT7296C’s quiescent current drops to lower
than 1
A. Driving the EN pin high (>1.6V) will turn on
the device.
Operating Frequency and Synchronization
The internal oscillator runs at 1400kHz (typ.) when the
EN/SYNC pin is at logic-high level (>1.6V). If the EN
pin is pulled to low-level over 8μs, the IC will shut
down. The RT7296C can be synchronized with an
external clock ranging from 300kHz to 3MHz applied to
the EN/SYNC pin. The external clock duty cycle must
be from 20% to 80% with logic-high level = 2V and
logic-low level = 0.8V.
Internal Regulator
The internal regulator generates 5V power and drive
internal circuit. When VIN is below 5V, PVCC will drop
with VIN. A capacitor (>0.1
F) between PVCC and
GND is required.
Soft-Start Function
The RT7296C provides external soft-start function. The
soft-start function is used to prevent large inrush
current while converter is being powered-up. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com