Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7310 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7310
Description  Phase-Cut Dimmable Primary-Side Regulation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7310 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7310 Datasheet HTML 1Page - Richtek Technology Corporation RT7310 Datasheet HTML 2Page - Richtek Technology Corporation RT7310 Datasheet HTML 3Page - Richtek Technology Corporation RT7310 Datasheet HTML 4Page - Richtek Technology Corporation RT7310 Datasheet HTML 5Page - Richtek Technology Corporation RT7310 Datasheet HTML 6Page - Richtek Technology Corporation RT7310 Datasheet HTML 7Page - Richtek Technology Corporation RT7310 Datasheet HTML 8Page - Richtek Technology Corporation RT7310 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT7310
Copyright © 2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS7310-00
October
2014
2
Ordering Information
RT7310
Package Type
E : SOT-23-6
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
3K=DNN
3K= : Product Code
DNN : Date Code
Pin Configuration
(TOP VIEW)
GND VDD GD
COMP ZCD CS
4
2
3
5
6
SOT-23-6
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
GND
Ground of the Controller.
2
VDD
Supply Voltage (VDD) input. The controller will be enabled when VDD exceeds
VTH_ON and disabled when VDD is lower than VTH_OFF.
3
GD
Gate Driver Output for External Power MOSFET.
4
CS
Current Sense Input. Connect this pin to the current sense resistor.
5
ZCD
Zero Current Detection Input. This pin is used to sense the voltage at auxiliary
winding of the transformer for detecting demagnetization time of the magnetizing
inductance.
6
COMP
Compensation Node. Output of the internal trans-conductance amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com