Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXES0004 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAMXES0004
Description  E-Series Surface Mount Mixer 925-960 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0004 Datasheet(HTML) 1 Page - Tyco Electronics

  MAMXES0004 Datasheet HTML 1Page - Tyco Electronics MAMXES0004 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
S 1532 B
Features
• LO Power +7 dBm
• Up to +1 dBm RF
• Surface Mount
• Low Profile
Description
M/A-COM’s MAMXES0004 is a Low Cost, high performance
Double Balanced Mixer designed for use in high volume wireless
applications. The device has been optimised by careful selection
of the Schottky Diode and Balun Transformer for excellent
performance. MAMXES0004 is available in an SM-125 surface
mount package and reflows using standard soldering reflow
profiles.
SM-125Package
Electrical Specifications @ +25°C, Z0 = 50 Ohms, LO = +7dBm ±2dBm
Parameter
Units
Minimum
Typical
Maximum
Frequency Range
RF
925-960
LO
45
IF
880-915
MHz
MHz
MHz
—
—
—
—
—
—
—
—
—
Conversion Loss
925-960
dB
—
8.0
9.0
Isolation
(LO - RF)
45
dB
40
45
—
Isolation
(LO - IF)
45
dB
40
50
—
Isolation
(RF - IF)
880-915
dB
12
16
—
RF Input for 1dB Compression
dBm
-2
—
—
E-Series Surface Mount Mixer
925-960 MHz
MAMXES0004
Note: Non Hermetic Package


Similar Part No. - MAMXES0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXES0001 MACOM-MAMXES0001 Datasheet
124Kb / 2P
E-Series Surface Mount Mixer 5 - 1900 MHz
MAMXES0005 MACOM-MAMXES0005 Datasheet
138Kb / 2P
E-Series Surface Mount Mixer 1920-1980 MHz
MAMXES0005TR MACOM-MAMXES0005TR Datasheet
138Kb / 2P
E-Series Surface Mount Mixer 1920-1980 MHz
MAMXES0006 MACOM-MAMXES0006 Datasheet
122Kb / 2P
E-Series Surface Mount Mixer 1805-1990 MHz
MAMXES0008 MACOM-MAMXES0008 Datasheet
123Kb / 2P
E-Series Surface Mount Mixer 1700-2000 MHz
More results

Similar Description - MAMXES0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EKIN2-960 MACOM-EKIN2-960 Datasheet
218Kb / 2P
E-Series I/Q Modulator 925 - 960 MHz
EMRS-1L MACOM-EMRS-1L Datasheet
131Kb / 2P
E-Series Surface Mount Mixer 0.5.500 MHz
EMRS-6X1 MACOM-EMRS-6X1 Datasheet
142Kb / 2P
E-Series Surface Mount Mixer 1805 - 1880 & 925 - 960 MHz
logo
Hitachi Metals, Ltd
FSLC-S090M-P1 HITACHI-METALS-FSLC-S090M-P1 Datasheet
42Kb / 4P
2012 Size 925/960 MHz
logo
Tyco Electronics
EMRS-6X1 MACOM-EMRS-6X1_1 Datasheet
49Kb / 2P
E-Series Surface Mount Mixer 925-960 MHz, 1805-1880 MHz, 1930-1990 MHz
MAMXES0118 MACOM-MAMXES0118 Datasheet
48Kb / 2P
E-Series Surface Mount Mixer 925 - 960 MHz & 1805 - 1880
logo
M/A-COM Technology Solu...
MAMX-007247-MRS5MH MA-COM-MAMX-007247-MRS5MH Datasheet
45Kb / 2P
E-Series Surface Mount Mixer 5 - 1500 MHz
MAMX-008782-ES0118 MA-COM-MAMX-008782-ES0118 Datasheet
86Kb / 3P
E-Series Surface Mount Mixer 925 - 960 MHz & 1805 - 1880
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B801T WALSIN-RFBPF1109B801T Datasheet
596Kb / 7P
925 ~ 960 MHz Working Frequency
logo
Molex Electronics Ltd.
735912102 MOLEX-735912102 Datasheet
304Kb / 1P
SMSJ ISOLATOR/925~960 MHZ/CCW
2022/03/01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com