Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMXES0005 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAMXES0005
Description  E-Series Surface Mount Mixer 1920-1980 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAMXES0005 Datasheet(HTML) 2 Page - Tyco Electronics

  MAMXES0005 Datasheet HTML 1Page - Tyco Electronics MAMXES0005 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
S 1581 A
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Input Power
+23dBm
LO Drive Power
+23 dBm
Operating/Storage Temperature
-40°C to +85°C
Pin Configuration
Function
Pin No.
RF
1
LO
2
IF
3
Ground
4,5,6
Typical Performance @ +25°C
L-I Isolation
RES BW 1
0/
kHz
VBW 1
0/
kHz
SWP 3
0/
. 0/
msec
AT 2
0/
dB
REF 6.5 dBm
LOG
1 0/
dB/
CENTER 1.664
0/
0/
0/
GHz
SPAN 1.
0/
0/
0/
MHz
-42.21 dB
MKR
0/
Hz
PEAK
WA SB
SC FC
CORR
MARKER
0/
Hz
-42.21 dB
11:33:4
0/
13 SEP 2
0/
0/
0/
MARKER
MARKER
NEXT
PEAK
NEXT PK
RIGHT
NEXT PK
LEFT
More
1 of 2
RES BW 1
0/
kHz
VBW 1
0/
kHz
SWP 3
0/ . 0/
msec
AT 1
0/
dB
REF -1
0/
.6 dBm
LOG
1 0/
dB/
CENTER 256.
0/
0/ 0/
MHz
SPAN 1.
0/ 0/
0/
MHz
-7.88 dB
MKR -1.664
0/ 0/
0/
GHz
PEAK
WA SB
SC FC
CORR
CENTER
256.
0/
0/
0/
MHz
1 0/
:31:44 13 SEP 2
0/
0/ 0/
CENTER
FREQ
START
FREQ
STOP
FREQ
CF STEP
AUTO
MAN
FREQ
OFFSET
Band
Lock
Conversion Loss
RES BW 3
0/
kHz
#VBW 3
0/ 0/
Hz
SWP 1.67 sec
AT 1
0/
dB
REF -18.3 dBm
LOG
1 0/
dB/
CENTER 256.475 MHz
SPAN 5.
0/ 0/ 0/
MHz
-67.39 dB
MKR 1.
0/ 13 MHz
PEAK
VA SB
SC FC
CORR
MARKER
1.
0/ 13 MHz
-67.39 dB
0/ 8:55:51 13 SEP 2
0/ 0/ 0/
CLEAR
WRITE A
MAX
HOLD A
VIEW A
BLANK A
Trace
A
B C
More
1 of 3
IIP3
L-R Isolation
RES BW 1
0/
kHz
VBW 1
0/
kHz
SWP 3
0/ . 0/
msec
AT 2
0/
dB
REF 6.5 dBm
LOG
1 0/
dB/
CENTER 1.664
0/ 0/ 0/
GHz
SPAN 1.
0/ 0/ 0/
MHz
-33.57 dB
MKR
0/
Hz
PEAK
WA SB
SC FC
CORR
MARKER
0/
Hz
-33.57 dB
11:59:35 13 SEP 2
0/ 0/ 0/
MARKER
MARKER
NEXT
PEAK
NEXT PK
RIGHT
NEXT PK
LEFT
More
1 of 2
MAMXES0005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com